Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2525L-2 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2525L-2
Description  LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2525L-2 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2525L-2 Datasheet HTML 2Page - California Eastern Labs PS2525L-2 Datasheet HTML 3Page - California Eastern Labs PS2525L-2 Datasheet HTML 4Page - California Eastern Labs PS2525L-2 Datasheet HTML 5Page - California Eastern Labs PS2525L-2 Datasheet HTML 6Page - California Eastern Labs PS2525L-2 Datasheet HTML 7Page - California Eastern Labs PS2525L-2 Datasheet HTML 8Page - California Eastern Labs PS2525L-2 Datasheet HTML 9Page - California Eastern Labs PS2525L-2 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PS2525-1,-2,-4,PS2525L-1,-2,-4
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2525-1,
PS2525L-1
PS2525-2, -4,
PS2525L-2, -
4
Unit
Diode
Forward Current (DC)
IF
±150
mA
Power Dissipation Derating
PD/°C
2.5
2.0
mW/
°C
Power Dissipation
PD
250
200
mW/ch
Peak Forward Current
*1
IFP
±1
A
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
6
V
Collector Current
IC
50
mA/ch
Power Dissipation Derating
PC/°C
1.5
1.2
mW/
°C
Power Dissipation
PC
150
120
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output
Data Sheet PN10231EJ01V0DS
6


Similar Part No. - PS2525L-2

ManufacturerPart #DatasheetDescription
logo
NEC
PS2525L-2 NEC-PS2525L-2 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
PS2525L-2-E3 NEC-PS2525L-2-E3 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
PS2525L-2-E4 NEC-PS2525L-2-E4 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
More results

Similar Description - PS2525L-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com