Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39WF400A-90-4I-M1QE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39WF400A-90-4I-M1QE
Description  4 Mbit (x16) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF400A-90-4I-M1QE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39WF400A-90-4I-M1QE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-M1QE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
4 Mbit Multi-Purpose Flash
SST39WF400A
11
©2004 Silicon Storage Technology, Inc.
S71220-05-000
6/04
AC CHARACTERISTICS
TABLE 12: READ CYCLE TIMING PARAMETERS
VDD = 1.70-1.95V FOR 90 NS1
VDD = 1.65-1.95V FOR 100 NS
1. 90 ns parts will ONLY support voltage range 1.70-1.95V.
Symbol
Parameter
SST39WF400A-90
SST39WF400A-100
Units
Min
Max
Min
Max
TRC
Read Cycle Time
90
100
ns
TCE
Chip Enable Access Time
90
100
ns
TAA
Address Access Time
90
100
ns
TOE
Output Enable Access Time
50
50
ns
TCLZ2
2. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ2
OE# Low to Active Output
0
0
ns
TCHZ2
CE# High to High-Z Output
40
40
ns
TOHZ2
OE# High to High-Z Output
40
40
ns
TOH2
Output Hold from Address Change
0
0
ns
T12.2 1220
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
40
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
50
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
50
ns
TWP
WE# Pulse Width
50
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
50
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
50
ms
TBE
Block-Erase
50
ms
TSCE
Chip-Erase
200
ms
T13.0 1220


Similar Part No. - SST39WF400A-90-4I-M1QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A-90-4I-M1QE SST-SST39WF400A-90-4I-M1QE Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39WF400A-90-4I-M1QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
SST39VF401C MICROCHIP-SST39VF401C Datasheet
486Kb / 38P
   4 Mbit (x16) Multi-Purpose Flash Plus
04/14
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com