Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBZ500 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-BF533SBBZ500
Description  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBZ500 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-BF533SBBZ500 Datasheet HTML 9Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 10Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 11Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 12Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 13Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 14Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 15Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 16Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ADSP-BF533
Rev. D
|
Page 13 of 60
|
September 2006
where the variables in the equations are:
fCCLKNOM is the nominal core clock frequency
fCCLKRED is the reduced core clock frequency
VDDINTNOM is the nominal internal supply voltage
VDDINTRED is the reduced internal supply voltage
tNOM is the duration running at fCCLKNOM
tRED is the duration running at fCCLKRED
The percent power savings is calculated as:
VOLTAGE REGULATION
The Blackfin processors provide an on-chip voltage regulator
that can generate processor core voltage levels 0.85 V to 1.2 V
from an external 2.25 V to 3.6 V supply. Figure 5 shows the typ-
ical external components required to complete the power
management system.The regulator controls the internal logic
voltage levels and is programmable with the voltage regulator
control register (VR_CTL) in increments of 50 mV. To reduce
standby power consumption, the internal voltage regulator can
be programmed to remove power to the processor core while
keeping I/O power (VDDEXT) supplied. While in hibernation,
VDDEXT can still be applied, eliminating the need for external
buffers. The voltage regulator can be activated from this power-
down state either through an RTC wakeup or by asserting
RESET, which will then initiate a boot sequence. The regulator
can also be disabled and bypassed at the user’s discretion.
CLOCK SIGNALS
The ADSP-BF533 processor can be clocked by an external crys-
tal, a sine wave input, or a buffered, shaped clock derived from
an external clock oscillator.
If an external clock is used, it must not be halted, changed, or
operated below the specified frequency during normal opera-
tion. This signal is connected to the processor’s CLKIN pin.
When an external clock is used, the XTAL pin must be left
unconnected.
Alternatively, because the ADSP-BF533 processor includes an
on-chip oscillator circuit, an external crystal may be used. The
crystal should be connected across the CLKIN and XTAL pins,
with two capacitors connected as shown in Figure 6. Capacitor
values are dependent on crystal type and should be specified by
the crystal manufacturer. A parallel-resonant, fundamental fre-
quency, microprocessor-grade crystal should be used.
As shown in Figure 7, the core clock (CCLK) and system
peripheral clock (SCLK) are derived from the input clock
(CLKIN) signal. An on-chip PLL is capable of multiplying the
CLKIN signal by a user programmable 0.5
× to 64×
multiplication factor (bounded by specified minimum and max-
imum VCO frequencies). The default multiplier is 10
×, but it
can be modified by a software instruction sequence. On-the-fly
frequency changes can be effected by simply writing to the
PLL_DIV register.
All on-chip peripherals are clocked by the system clock (SCLK).
The system clock frequency is programmable by means of the
SSEL3–0 bits of the PLL_DIV register. The values programmed
into the SSEL fields define a divide ratio between the PLL output
(VCO) and the system clock. SCLK divider values are 1 through
15. Table 6 illustrates typical system clock ratios.
See EE-228: Switching Regulator Design Considerations for ADSP-BF533
Blackfin Processors.
Figure 5. Voltage Regulator Circuit
% power savings
1
power savings factor
() 100%
×
=
VDDEXT
VDDINT
VROUT1–0
EXTERNAL COMPONENTS
2.25V TO 3.6V
INPUT VOLTAGE
RANGE
FDS9431A
ZHCS1000
100µF
1µF
10µH
0.1µF
NOTE: VROUT1–0 SHOULD BE TIED TOGETHER EXTERNALLY
AND DESIGNER SHOULD MINIMIZE TRACE LENGTH TO FDS9431A.
100µF
Figure 6. External Crystal Connections
Figure 7. Frequency Modification Methods
CLKIN
CLKOUT
XTAL
PLL
0.5
× to 64×
÷1 to 15
÷ 1, 2,4,8
VCO
CLKI N
“FI NE” ADJUSTMENT
REQUI RES PLL SEQ UENCING
“CO ARSE” ADJUSTMENT
ON-THE-FLY
CCLK
SCLK
SCLK
≤ CCLK
SCLK
≤ 133 MHz


Similar Part No. - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com