Electronic Components Datasheet Search |
|
ADSP-BF533SBB500 Datasheet(PDF) 17 Page - Analog Devices |
|
ADSP-BF533SBB500 Datasheet(HTML) 17 Page - Analog Devices |
17 / 60 page ADSP-BF533 Rev. D | Page 17 of 60 | September 2006 PIN DESCRIPTIONS ADSP-BF533 processor pin definitions are listed in Table 9. All pins are three-stated during and immediately after reset, except the memory interface, asynchronous memory control, and synchronous memory control pins, which are driven high. If BR is active, then the memory pins are also three-stated. All unused I/O pins have their input buffers disabled with the exception of the pins that need pull-ups or pull-downs as noted in the table footnotes. In order to maintain maximum functionality and reduce pack- age size and pin count, some pins have dual, multiplexed functionality. In cases where pin functionality is reconfigurable, the default state is shown in plain text, while alternate function- ality is shown in italics. Table 9. Pin Descriptions Pin Name Type Function Driver Type1 Pull-Up/Down Requirement Memory Interface ADDR19–1 O Address Bus for Async/Sync Access A None DATA15–0 I/O Data Bus for Async/Sync Access A None ABE1–0/SDQM1–0 O Byte Enables/Data Masks for Async/Sync Access A None BR I Bus Request Pull-up Required If Function Not Used BG OBus Grant A None BGH O Bus Grant Hang A None Asynchronous Memory Control AMS3–0 O Bank Select A None ARDY I Hardware Ready Control Pull-up Required If Function Not Used AOE O Output Enable A None ARE ORead Enable A None AWE OWrite Enable A None Synchronous Memory Control SRAS O Row Address Strobe A None SCAS O Column Address Strobe A None SWE OWrite Enable A None SCKE O Clock Enable A None CLKOUT O Clock Output B None SA10 O A10 Pin A None SMS O Bank Select A None Timers TMR0 I/O Timer 0 C None TMR1/PPI_FS1 I/O Timer 1/PPI Frame Sync1 CNone TMR2/PPI_FS2 I/O Timer 2/PPI Frame Sync2 CNone |
Similar Part No. - ADSP-BF533SBB500 |
|
Similar Description - ADSP-BF533SBB500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |