Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBC500 Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-BF533SBBC500
Description  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC500 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-BF533SBBC500 Datasheet HTML 29Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 30Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 31Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 32Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 33Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 34Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 35Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 36Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
ADSP-BF533
Rev. D
|
Page 33 of 60
|
September 2006
Table 24. Serial Ports—Enable and Three-State
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Switching Characteristics
t
DTENE
Data Enable Delay from External TSCLK1
00ns
t
DDTTE
Data Disable Delay from External TSCLK1
10.0
10.0
ns
t
DTENI
Data Enable Delay from Internal TSCLK1
−2.0
−2.0
ns
t
DDTTI
Data Disable Delay from Internal TSCLK1
3.0
3.0
ns
1 Referenced to drive edge.
Table 25. External Late Frame Sync
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Switching Characteristics
t
DDTLFSE Data Delay from Late External TFS or External RFS with MCE = 1, MFD = 0
1, 2
10.0
10.0
ns
t
DTENLFS Data Enable from Late FS or MCE = 1, MFD = 0
1, 2
00
ns
1 MCE = 1, TFS enable and TFS valid follow t
DTENLFS and tDDTLFSE.
2 If external RFS/TFS setup to RSCLK/TSCLK > t
SCLKE/2, then tDDTE
/I and tDTENE/I apply; otherwise tDDTLFSE and tDTENLFS apply.


Similar Part No. - ADSP-BF533SBBC500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBC500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com