Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39WF400A-90-4C-C1Q Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST39WF400A-90-4C-C1Q
Description  4 Mbit (x16) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF400A-90-4C-C1Q Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST39WF400A-90-4C-C1Q Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39WF400A-90-4C-C1Q Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Data Sheet
4 Mbit Multi-Purpose Flash
SST39WF400A
©2004 Silicon Storage Technology, Inc.
S71220-05-000
6/04
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the
sector. During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage:
1.65-1.95V for SST39WF400A
VSS
Ground
NC
No Connection
Unconnected pins.
T2.0 1220
1. AMS = Most significant address
AMS = A17 for SST39WF400A
TABLE
3: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Program
VIL
VIH
VIL
DIN
AIN
Erase
VIL
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector or Block address,
XXH for Chip-Erase
Standby
VIH
X
X
High Z
X
Write Inhibit
X
VIL
X
High Z/ DOUT
X
XX
VIH
High Z/ DOUT
X
Product Identification
Software Mode
VIL
VIL
VIH
See Table 4
T3.0 1220


Similar Part No. - SST39WF400A-90-4C-C1Q

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A-90-4C-C1Q SST-SST39WF400A-90-4C-C1Q Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A-90-4C-C1QE SST-SST39WF400A-90-4C-C1QE Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39WF400A-90-4C-C1Q

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
SST39VF401C MICROCHIP-SST39VF401C Datasheet
486Kb / 38P
   4 Mbit (x16) Multi-Purpose Flash Plus
04/14
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com