Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST49LF016C-66-4C-WHE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST49LF016C-66-4C-WHE
Description  16 Mbit LPC Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF016C-66-4C-WHE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST49LF016C-66-4C-WHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF016C-66-4C-WHE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
16 Mbit LPC Serial Flash
SST49LF016C
11
©2006 Silicon Storage Technology, Inc.
S71237-07-000
9/06
Load Enable
The Load Enable pin (LD#), is an input pin which when low,
indicates the host is loading data in an AAI programming
cycle. Data is loaded in the SST49LF016C at the rising
edge of the clock. If LD# is high, it signals the AAI interface
that the host is terminating the command. LD# low/high
switches the RY/BY# output from buffer free flag to pro-
gramming complete flag (see Table 18).
No Connection (NC)
These pins are not connected internally.
DESIGN CONSIDERATIONS
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS less than 1 cm away from the VDD pin of the device.
Additionally, a low frequency 4.7 µF electrolytic capacitor
from VDD to VSS should be placed within 1 cm of the VDD
pin. If you use a socket for programming purposes add an
additional 1-10 µF next to each socket. The RST# pin must
remain stable at VIH for the entire duration of an Erase
operation. WP#/AAI must remain stable at VIH for the entire
duration of the Erase and Program operations for non-Boot
Block sectors. To write data to the top Boot Block sectors,
the TBL# pin must also remain stable at VIH for the entire
duration of the Erase and Program operations.
MODE SELECTION
The SST49LF016C flash memory device operates in two
distinct interface modes: the LPC mode and the Auto
Address Increment (AAI) mode. The WP#/AAI pin is used
to set the interface mode selection. The device is in AAI
mode when the WP#/AAI pin is set to the Supervoltage VH
(9±0.5V), and in the LPC mode when the WP#/AAI is set to
VIL/VIH. The mode selection must be configured prior to
device operation.
LPC MODE
Device Operation
The SST49LF016C supports Multi-Byte Firmware Memory
Read and Write cycle types as defined in Low Pin Count
Interface Specification, Revision 1.1. Table 2 shows the
size of transfer supported by the SST49LF016C.
The LPC mode uses a 5-signal communication interface:
one control line, LFRAME#, which is driven by the host to
start or abort a bus cycle, a 4-bit data bus, LAD[3:0], used
to communicate cycle type, cycle direction, ID selection,
address, data and sync fields. The device enters standby
mode when LFRAME# is taken high and no internal opera-
tion is in progress.
The host drives LFRAME# signal from low-to-high to cap-
ture the start field of a LPC cycle. On the cycle in which
LFRAME# goes inactive, the last latched value is taken as
the START value. The START value determines whether
the SST49LF016C will respond to a Firmware Memory
Read/Write cycle type as defined in Table 3.
See following sections on details of Firmware Memory
cycle types (Tables 4 and 5). Two-cycle Program and
Erase command sequences are used to initiate Firmware
Memory Program and Erase operations. See Table 8 for a
listing of Program and Erase commands.
TABLE
2: Transfer Size Supported
Cycle Type
Size of Transfer
Firmware Memory Read
1, 2, 4, 16, 128 Bytes
Firmware Memory Write
1, 2, 4 Bytes
T2.1 1237
TABLE
3: Firmware Memory Cycles START Field
Definition
START
Value
Definition
1101
Start of a Firmware Memory Read cycle
1110
Start of a Firmware Memory Write cycle
T3.1 1237


Similar Part No. - SST49LF016C-66-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF016C-66-4C-WHE MICROCHIP-SST49LF016C-66-4C-WHE Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
More results

Similar Description - SST49LF016C-66-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF016C MICROCHIP-SST49LF016C Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
   16 Mbit LPC Flash
02/16
logo
Silicon Storage Technol...
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
   16 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
   8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
   3 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
   8 Mbit LPC Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
   8 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com