Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF6401B-70-4C-EKE Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST39VF6401B-70-4C-EKE
Description  64 Mbit (x16) Multi-Purpose Flash Plus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401B-70-4C-EKE Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST39VF6401B-70-4C-EKE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401B-70-4C-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
Data Sheet
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
©2006 Silicon Storage Technology, Inc.
S71288-02-000
7/06
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. Commands are written to the device
using standard microprocessor write sequences. A com-
mand is written by asserting WE# low while keeping CE#
low. The address bus is latched on the falling edge of WE#
or CE#, whichever occurs last. The data bus is latched on
the rising edge of WE# or CE#, whichever occurs first.
The SST39VF640xB also have the Auto Low Power
mode which puts the device in a near standby mode after
data has been accessed with a valid Read operation. This
reduces the IDD active read current from typically 9 mA to
typically 3 µA. The Auto Low Power mode reduces the typi-
cal IDD active read current to the range of 2 mA/MHz of
Read cycle time. The device exits the Auto Low Power
mode with any address transition or control signal transition
used to initiate another Read cycle, with no access time
penalty. Note that the device does not enter Auto-Low
Power mode after power-up with CE# held steadily low,
until the first address transition or CE# is driven high.
Read
The Read operation of the SST39VF640xB is controlled
by CE# and OE#, both have to be low for the system to
obtain data from the outputs. CE# is used for device
selection. When CE# is high, the chip is deselected and
only standby power is consumed. OE# is the output con-
trol and is used to gate data from the output pins. The
data bus is in high impedance state when either CE# or
OE# is high. Refer to the Read cycle timing diagram for
further details (Figure 3).
Word-Program Operation
The SST39VF640xB are programmed on a word-by-word
basis. Before programming, the sector where the word
exists must be fully erased. The Program operation is
accomplished in three steps. The first step is the three-byte
load sequence for Software Data Protection. The second
step is to load word address and word data. During the
Word-Program operation, the addresses are latched on the
falling edge of either CE# or WE#, whichever occurs last.
The data is latched on the rising edge of either CE# or
WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of
the fourth WE# or CE#, whichever occurs first. The Pro-
gram operation, once initiated, will be completed within 10
µs. See Figures 4 and 5 for WE# and CE# controlled Pro-
gram operation timing diagrams and Figure 19 for flow-
charts. During the Program operation, the only valid reads
are Data# Polling and Toggle Bit. During the internal Pro-
gram operation, the host is free to perform additional tasks.
Any commands issued during the internal Program opera-
tion are ignored. During the command sequence, WP#
should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system
to erase the device on a sector-by-sector (or block-by-
block) basis. The SST39VF640xB offer both Sector-Erase
and Block-Erase mode. The sector architecture is based
on uniform sector size of 2 KWord. The Block-Erase mode
is based on uniform block size of 32 KWord. The Sector-
Erase operation is initiated by executing a six-byte com-
mand sequence with Sector-Erase command (50H) and
sector address (SA) in the last bus cycle. The Block-Erase
operation is initiated by executing a six-byte command
sequence with Block-Erase command (30H) and block
address (BA) in the last bus cycle. The sector or block
address is latched on the falling edge of the sixth WE#
pulse, while the command (50H or 30H) is latched on the
rising edge of the sixth WE# pulse. The internal Erase
operation begins after the sixth WE# pulse. The End-of-
Erase operation can be determined using either Data#
Polling or Toggle Bit methods. See Figures 9 and 10 for tim-
ing waveforms and Figure 23 for the flowchart. Any com-
mands issued during the Sector- or Block-Erase operation
are ignored. When WP# is low, any attempt to Sector-
(Block-) Erase the protected block will be ignored. During
the command sequence, WP# should be statically held
high or low.
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a
Sector- or Block-Erase operation thus allowing data to be
read from any memory location, or program data into any
sector/block that is not suspended for an Erase operation.
The operation is executed by issuing one byte command
sequence with Erase-Suspend command (B0H). The
device automatically enters read mode typically within 20
µs after the Erase-Suspend command had been issued.
Valid data can be read from any sector or block that is not
suspended from an Erase operation. Reading at address
location within erase-suspended sectors/blocks will output
DQ2 toggling and DQ6 at “1”. While in Erase-Suspend
mode, a Word-Program operation is allowed except for the
sector or block selected for Erase-Suspend.
To resume Sector-Erase or Block-Erase operation which has
been suspended the system must issue Erase Resume
command. The operation is executed by issuing one byte
command sequence with Erase Resume command (30H)
at any address in the last Byte sequence.


Similar Part No. - SST39VF6401B-70-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B-70-4C-EKE MICROCHIP-SST39VF6401B-70-4C-EKE Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF6401B-70-4C-EKE MICROCHIP-SST39VF6401B-70-4C-EKE Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results

Similar Description - SST39VF6401B-70-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com