Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50063 Datasheet(PDF) 33 Page - Zarlink Semiconductor Inc

Part # ZL50063
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50063 Datasheet(HTML) 33 Page - Zarlink Semiconductor Inc

Back Button ZL50063 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 33Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 34Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 35Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 36Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 37Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
ZL50063
Data Sheet
33
Zarlink Semiconductor Inc.
10
FBDEN
0
Frame Boundary Discriminator Enable
When LOW, the frame boundary discriminator function is disabled.
When HIGH, enables frame boundary discriminator function which allows the
device to tolerate inconsistent frame boundaries, hence improving the tolerance to
cycle-to-cycle variation on the input clock.
9
Reserved
0
Reserved
Must be set to 0 for normal operation
8FPW
0
Frame Pulse Width
When LOW, the user must apply a 122ns frame pulse on FP8i; the FP8o pin will
output a 122ns wide frame pulse; FP16o will output a 61ns wide frame pulse.
When HIGH, the user must apply a 244ns frame pulse on FP8i; the FP8o pin will
output a 244ns wide frame pulse; FP16o will output a 122ns wide frame pulse.
7
Reserved
0
Reserved
Must be set to 0 for normal operation
6C8IPOL
0
8MHz Input Clock Polarity
The frame boundary is aligned to the falling or rising edge of the input clock.
When LOW, the frame boundary is aligned to the clock falling edge.
When HIGH, the frame boundary is aligned to the clock rising edge.
5
COPOL
0
Output Clock Polarity
When LOW, the output clock has the same polarity as the input clock.
When HIGH, the output clock is inverted.
This applies to both the 8MHz (C8o) and 16MHz (C16o) output clocks.
4MBP
0
Memory Block Programming
When LOW, the memory block programming mode is disabled.
When HIGH, the connection memory block programming mode is ready to program
the Local Connection Memory (LCM) and the Backplane Connection Memory
(BCM).
3OSB
0
Output Stand By
This bit enables the BSTo0-15 and LSTo0-15 serial outputs.
When LOW, BSTo0-15 and LSTo0-15 are driven HIGH or high impedance,
dependent on the BORS and LORS pin settings respectively.
When HIGH, BSTo0-15 and LSTo0-15 are enabled.
2
Reserved
0
Reserved
Must be set to 0 for normal operation
1:0
MS[1:0]
0
Memory Select Bits
These three bits select the connection or data memory for subsequent microport
memory access operations:
00 selects Local Connection Memory (LCM) for read or write operations.
01 selects Backplane Connection Memory (BCM) for read or write operations.
10 selects Local Data Memory (LDM) for read-only operation.
11 selects Backplane Data Memory (BDM) for read-only operation.
Bit
Name
Reset
Value
Description
Table 11 - Control Register Bits (continued)
Output Control with ODE pin and OSB bit
ODE Pin
OSB bit
BSTo0-15, LSTo0-15
0X
Disabled
10
Disabled
1
1
Enabled


Similar Part No. - ZL50063

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50063

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com