Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL50063 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part No. ZL50063
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL50063 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ZL50063
Data Sheet
3
Zarlink Semiconductor Inc.
Device Overview
The ZL50063 has two data ports, the Backplane and the Local port. Both the Backplane and Local ports operate at
32.768Mbps.
The ZL50063 contains two data memory blocks (Backplane and Local) to provide the following switching path
configurations:
Input-to-Output Unidirectional, supporting 16K x 16K switching
Backplane-to-Local Bi-directional, supporting 8K x 8K data switching,
Local-to-Backplane Bi-directional, supporting 8K x 8K data switching,
Backplane-to-Backplane Bi-directional, supporting 8K x 8K data switching.
Local-to-Local Bi-directional, supporting 8K x 8K data switching.
The device contains two connection memory blocks, one for the Backplane output and one for the Local output.
Data to be output on the serial streams may come from either of the data memories (Connection Mode) or directly
from the connection memory contents (Message Mode).
In Connection Mode, the contents of the connection memory define, for each output stream and channel, the
source stream and channel (stored in data memory) to be switched.
In Message Mode, microprocessor data can be written to the connection memory for broadcast on the output
streams on a per channel basis. This feature is useful for transferring control and status information to external
circuits or other ST-BUS devices.
The device uses a master frame pulse (FP8i) and master clock (C8i) to define the input frame boundary and timing
for both the Backplane port and the Local port. The device will automatically detect whether an ST-BUS or a GCI-
Bus style frame pulse is being used. There is a two-frame delay from the time RESET is de-asserted to the
establishment of full switch functionality. During this period, the input frame pulse format is determined before
switching begins.
The device provides FP8o, FP16o, C8o and C16o outputs to support external devices connected to the outputs of
the Backplane and Local ports.
A non-multiplexed Motorola microprocessor port allows programming of the various device operation modes and
switching configurations. The microprocessor port provides access for Register read/write, Connection Memory
read/write and Data Memory read-only operations. The port has a 15-bit address bus, 16-bit data bus and 4 control
signals. The microprocessor may monitor channel data in the Backplane and Local data memories.
The mandatory requirements of the IEEE-1149.1 (JTAG) standard are fully supported via a dedicated test port.
The ZL50063 is available in one package:
a 15mm x 15mm body, 1mm ball-pitch, 196-PBGA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ZL50030_06Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch 1 2 3 4 5 MoreZarlink Semiconductor Inc
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn