Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL50063 Datasheet(PDF) 51 Page - Zarlink Semiconductor Inc

Part No. ZL50063
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL50063 Datasheet(HTML) 51 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
ZL50063
Data Sheet
51
Zarlink Semiconductor Inc.
Local and Backplane Data Timing
Characteristic
Sym
Min
Typ
Max
Units
Notes
1
Local/Backplane Input Data Sampling Point
tIDS32
20
23
26
ns
With
SMPL_MODE =
0 (3/4-bit
sampling) and
zero offset.
2
Local/Backplane Serial Input Set-up Time
tSIS32
2
ns
With respect to
Min. Input Data
Sampling Point
3
Local/Backplane Serial Input Hold Time
tSIH32
2
ns
With respect to
Max. Input Data
Sampling Point
4
Output Frame Boundary Offset
tOFBOS
79.5
ns
5
Local/Backplane Serial Output Delay
tSOD32
4.5
ns
CL=50pF
These numbers
are referencing
output frame
boundary.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ZL50030_06Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch 1 2 3 4 5 MoreZarlink Semiconductor Inc
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn