Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL50063 Datasheet(PDF) 47 Page - Zarlink Semiconductor Inc

Part No. ZL50063
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL50063 Datasheet(HTML) 47 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
ZL50063
Data Sheet
47
Zarlink Semiconductor Inc.
15.0
AC Electrical Characteristics
AC Electrical Characteristics Timing Parameter Measurement: Voltage Levels
Characteristics
Sym
Level
Units
Conditions
1
CMOS Threshold
VCT
0.5VDD_IO
V3.0V < VDD_IO < 3.6V
2
Rise/Fall Threshold Voltage High
VHM
0.7VDD_IO
V3.0V < VDD_IO < 3.6V
3
Rise/Fall Threshold Voltage Low
VLM
0.3VDD_IO
V3.0V < VDD_IO < 3.6V
Input and Output Clock Timing
Characteristic
Sym
Min
Typ
Max
Units
Notes
1FP8i, Input Frame Pulse Width
tIFPW244
tIFPW122
210
10
244
122
350
220
ns
2
Input Frame Pulse Setup Time
(before C8i clock falling/rising edge)
tIFPS244
tIfPS122
5
5
110
60
ns
3
Input Frame Pulse Hold Time
(from C8i clock falling/rising edge)
tIFPH244
tIFPH122
0
0
110
60
ns
4C8i Clock Period (Average value, does not
consider the effects of jitter)
tICP
120
122
124
ns
5C8i Clock Pulse Width High
tICH
50
61
70
ns
6C8i Clock Pulse Width Low
tICL
50
61
70
ns
7C8i Clock Rise/Fall Time
trIC, tfIC
02
3
ns
8C8i Cycle to Cycle Variation
(This values is with respect to the typical C8i
Clock Period, and using mid-bit sampling)
tCCVIC
-7.0
-8.5
7.0
8.5
ns
32Mbps
9
Output Frame Boundary Offset
tOFBOS
79.5
ns
10
FP8o Frame Pulse Width
tOFPW8_244
tOFPW8_122
224
117
244
122
264
127
ns
FPW =1
FPW=0
CL=60pF
11
FP8o Output Delay
(from frame pulse edge to output frame
boundary)
tFPFBF8_244
tFPFBF8_122
117
58
122
61
127
64
ns
FPW =1
FPW=0
CL=60pF
12
FP8o Output Delay
(from output frame boundary to frame pulse
edge)
tFBFPF8_244
tFBFPF8_122
117
58
122
61
127
64
ns
FPW =1
FPW=0
CL=60pF
13
C8o Clock Period
tOCP8
117
122
127
ns
CL=60pF
14
C8o Clock Pulse Width High
tOCH8
58
61
64
ns
15
C8o Clock Pulse Width Low
tOCL8
58
61
64
ns
16
C8o Clock Rise/Fall Time
trOC8, tfOC8
37
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ZL50030_06Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch 1 2 3 4 5 MoreZarlink Semiconductor Inc
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn