Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50063 Datasheet(PDF) 36 Page - Zarlink Semiconductor Inc

Part # ZL50063
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50063 Datasheet(HTML) 36 Page - Zarlink Semiconductor Inc

Back Button ZL50063 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 33Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 34Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 35Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 36Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 37Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 38Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50063 Datasheet HTML 40Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
ZL50063
Data Sheet
36
Zarlink Semiconductor Inc.
13.2
Block Programming Register (BPR)
Address 0001H.
The Block Programming Register stores the bit patterns to be loaded into the connection memories when the
Memory Block Programming feature is enabled. The BPE, LBPD[2:0] and BBPD[2:0] bits in the BPR register must
be defined in the same write operation.
The BPE bit is set HIGH to commence the block programming operation. Programming is completed in one frame
period and may be initiated at any time within a frame. The BPE bit returns to LOW to indicate that the block
programming function has completed.
When BPE is HIGH, no other bits of the BPR register may be changed for at least a single frame period, except to
abort the programming operation. The programming operation may be aborted by setting either BPE to LOW, or the
Control Register bit, MBP, to LOW.
The BPR register is configured as follows.
.
Table 12 - Block Programming Register Bits
Bit
Name
Reset
Value
Description
15:7
Reserved
0
Reserved
Must be set to 0 for normal operation
6:4
BBPD[2:0]
0
Backplane Block Programming Data
These bits refer to the value loaded into the Backplane Connection Memory
(BCM) when the Memory Block Programming feature is activated.
When the MBP bit in the Control Register (CR) is set HIGH and BPE (in this
register) is set HIGH, the contents of bits BBPD[2:0] are loaded into bits 15-13,
respectively, of the BCM. Bits 12-0 of the BCM are set LOW.
3:1
LBPD[2:0]
0
Local Block Programming Data
These bits refer to the value loaded into the Local Connection Memory (LCM),
when the Memory Block Programming feature is activated.
When the MBP bit in the Control Register is set HIGH and BPE (in this register)
is set HIGH, the contents of bits LBPD[2:0] are loaded into bits 15-13,
respectively, of the LCM. Bits 12-0 of the LCM are set LOW.
0BPE
0
Block Programming Enable
A LOW to HIGH transition of this bit enables the Memory Block Programming
function. A LOW will be returned after 125
µs, upon completion of programming.
Set LOW to abort the programming operation.


Similar Part No. - ZL50063

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50063

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com