Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50052 Datasheet(PDF) 43 Page - Zarlink Semiconductor Inc

Part # ZL50052
Description  8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50052 Datasheet(HTML) 43 Page - Zarlink Semiconductor Inc

Back Button ZL50052 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 40Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 41Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 46Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 47Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
ZL50052
Data Sheet
43
Zarlink Semiconductor Inc.
13.7
Memory BIST Register
Address 014DH.
The Memory BIST Register enables the self-test of chip memory. Two consecutive write operations are required to
start MBIST: the first with only bit 12 (LV_TM) set HIGH (i.e. 1000h); the second with bit 12 maintained HIGH but
with the required start bit(s) also set HIGH.
The MBISTR register is configured as follows:
Bit
Name
Reset
Value
Description
15:13
Reserved
0
Reserved
Must be set to 0 for normal operation
12
LV_TM
0
MBIST Test Enable
Set HIGH to enable MBIST mode.
Set LOW for normal operation.
11
BISTSDB
0
Backplane Data Memory Start BIST Sequence
Sequence enabled on LOW to HIGH transition.
10
BISTCDB
0
Backplane Data Memory BIST Sequence Completed (Read-only)
This bit must be polled - when HIGH, indicates completion of Backplane Data
Memory BIST sequence.
9BISTPDB
0
Backplane Data Memory Pass/Fail Bit (Read-only)
This bit indicates the Pass/Fail status following completion of the Backplane
Data Memory BIST sequence (indicated by assertion of BISTCDB).
A HIGH indicates Pass, a LOW indicates Fail.
8BISTSDL
0
Local Data Memory Start BIST Sequence
Sequence enabled on LOW to HIGH transition.
7
BISTCDL
0
Local Data Memory BIST Sequence Completed (Read-only)
This bit must be polled - when HIGH, indicates completion of Local Data
Memory BIST sequence.
6BISTPDL
0
Local Data Memory Pass/Fail Bit (Read-only)
This bit indicates the Pass/Fail status following completion of the Local Data
Memory BIST sequence (indicated by assertion of BISTCDL).
A HIGH indicates Pass, a LOW indicates Fail.
5BISTSCB
0
Backplane Connection Memory Start BIST Sequence
Sequence enabled on LOW to HIGH transition.
4
BISTCCB
0
Backplane Connection Memory BIST Sequence Completed (Read-only)
This bit must be polled - when HIGH, indicates completion of Backplane
Connection Memory BIST sequence.
3BISTPCB
0
Backplane Connection Memory Pass/Fail Bit (Read-only)
This bit indicates the Pass/Fail status following completion of the Backplane
Connection Memory BIST sequence (indicated by assertion of BISTCCB).
A HIGH indicates Pass, a LOW indicates Fail.
Table 21 - Memory BIST Register (MBISTR) Bits


Similar Part No. - ZL50052

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50050GAC ZARLINK-ZL50050GAC Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50050GAG2 ZARLINK-ZL50050GAG2 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50052

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com