Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50052 Datasheet(PDF) 39 Page - Zarlink Semiconductor Inc

Part # ZL50052
Description  8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50052 Datasheet(HTML) 39 Page - Zarlink Semiconductor Inc

Back Button ZL50052 Datasheet HTML 35Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 36Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 37Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 38Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 40Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 41Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL50052 Datasheet HTML 43Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
ZL50052
Data Sheet
39
Zarlink Semiconductor Inc.
13.4
Backplane Input Bit Delay Registers (BIDR0 to BIDR7)
Addresses 0063H to 006AH
There are 8 Backplane Input Delay Registers (BIDR0 to BIDR7).
When the SMPL_MODE bit in the Control Register is LOW, the input data sampling point defaults to the 3/4 bit
location and BIDR0 to BIDR7 define the input bit and fractional bit delay of each Backplane stream. The possible bit
delay adjustment is up to 7 3/4 bits, in steps of 1/4 bit.
When the SMPL_MODE bit is HIGH, BIDR0 to BIDR7 define the input bit sampling point as well as the integer bit
delay of each Backplane stream. The input bit sampling point can be adjusted in 1/4 bit increments. The bit delay
can be adjusted in 1-bit increments from 0 to 7 bits.
The BIDR0 to BIDR7 registers are configured as follows:
Table 15 - Backplane Input Bit Delay Register (BIDRn) Bits
13.4.1
Backplane Input Delay Bits 4-0 (BID[4:0])
When SMPL_MODE = LOW, these five bits define the amount of input bit delay adjustment that the receiver uses to
sample each input. Input bit delay adjustment can range up to 7 3/4 bit periods forward, with resolution of 1/4 bit
period. The default sampling point is at the 3/4 bit location.
This can be described as: no. of bits delay = BID[4:0] / 4
For example, if BID[4:0] is set to 10011 (19), the input bit delay = 19 * 1/4 = 4
3/
4.
When SMPL_MODE = HIGH, the binary value of BID[1:0] refers to the input bit sampling point (1/4 to 4/4). BID[4:2]
refers to the integer bit delay value (0 to 7 bits). This means that bits can be delayed by an integer value of up to 7
and that the sampling point can vary from 1/4 to 4/4 in 1/4 bit increments.
BIDRn Bit
(where n = 0 to 7)
Name
Reset
Value
Description
15:5
Reserved
0
Reserved
Must be set to 0 for normal operation
4:0
BID[4:0]
0
Backplane Input Bit Delay Register
When SMPL_MODE = LOW, the binary value of these bits
refers to the input bit fractional delay value (0 to 7 3/4).
When SMPL_MODE = HIGH, the binary value of BID[1:0]
refers to the input bit sampling point (1/4 to 4/4). BID[4:2]
refers to the integer bit delay value (0 to 7 bits).


Similar Part No. - ZL50052

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50050GAC ZARLINK-ZL50050GAC Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50050GAG2 ZARLINK-ZL50050GAG2 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50052

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com