Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA032D04DCARG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA032D04DCARG4
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D04DCARG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA032D04DCARG4 Datasheet HTML 7Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 8Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 9Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 10Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 11Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 12Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 13Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 14Page - Texas Instruments TPA032D04DCARG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPA032D04
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
11
TI.COM
APPLICATION INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND
LPVDD
PVDD
SHUTDOWN
HPREG
V2P5
HPLOUT
HPROUT
PGND
15 µH
15 µH
0.22 µF
0.22 µF
1 µF
4 Ω
12 V
12 V
1 µF
1 µF
Left Class-D Balanced
Differential Input
Signal
1000 pF
1000 pF
1000 pF
1 µF
1 µF
HPDR
HPDL
CP1
CP2
VCP
FAULT0
FAULT1
MODE
MUTE
1 µF
LOUTP
LOUTN
15 µH
15 µH
0.22 µF
0.22 µF
1 µF
4 Ω
ROUTP
ROUTN
47 nF
0.1 µF
42
1
2
3
9,16
5
4
6
43
48
44
45
33,40
7,20,46,47
12,13,27,36,37
21, 28
41
14,15
10,11
29
8
18
31
17
26
23
24
25
22
34,35
38,39
12 V
HPLIN
HPVCC
HPRIN
19
30
32
Left SE
HP Input
HPLOUT
100 kΩ
100 kΩ
0.1 µF
Right SE
HP Input
100 kΩ
0.1 µF 100
kΩ
500 kΩ
100 kΩ
VDD
To
HPREG
0.1 µF
To System
Control
100 kΩ
1 µF
1 µF
10 µF
Right Class-D Balanced
Differential Input
Signal
12 V
1 µF
1 µF
10 µF
1 µF
100 kΩ
100 kΩ
To System
Control
1 µF
HPVCC
100 kΩ
HPVCC
MODE
1 kΩ
1 kΩ
NOTE A:
= power ground and
= analog ground
HPROUT
220 µF
220 µF
HPREG
Figure 4. TPA032D04 Typical Configuration Application Circuit


Similar Part No. - TPA032D04DCARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D04DCARG4 TI1-TPA032D04DCARG4 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D04DCARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com