Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZL50022 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part No. ZL50022
Description  Enhanced 4 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL50022 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 121 page
background image
ZL50022
Data Sheet
2
Zarlink Semiconductor Inc.
• Per-stream high impedance control outputs (STOHZ) for 16 output streams
• Per-stream input bit delay with flexible sampling point selection
• Per-stream output bit and fractional bit advancement
• Per-channel ITU-T G.711 PCM A-Law/
µ-Law Translation
• Four frame pulse and six reference clock outputs
• Three programmable delayed frame pulse outputs
• Input clock: 4.096 MHz, 8.192 MHz, 16.384 MHz
• Input frame pulses: 61 ns, 122 ns, 244 ns
• Per-channel constant or variable throughput delay for frame integrity and low latency applications
• Per Stream (32) Bit Error Rate Test circuits complying to ITU-O.151
• Per-channel high impedance output control
• Per-channel message mode
• Control interface compatible with Intel and Motorola 16-bit non-multiplexed buses
• Connection memory block programming
• Supports ST-BUS and GCI-Bus standards for input and output timing
• IEEE-1149.1 (JTAG) test port
• 3.3 V I/O with 5 V tolerant inputs; 1.8 V core voltage
Applications
• PBX and IP-PBX
• Small and medium digital switching platforms
• Remote access servers and concentrators
• Wireless base stations and controllers
• Multi service access platforms
• Digital Loop Carriers
• Computer Telephony Integration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn