Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50022 Datasheet(PDF) 72 Page - Zarlink Semiconductor Inc

Part # ZL50022
Description  Enhanced 4 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50022 Datasheet(HTML) 72 Page - Zarlink Semiconductor Inc

Back Button ZL50022_06 Datasheet HTML 68Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 69Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 70Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 71Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 72Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 73Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 74Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 75Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 76Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
ZL50022
Data Sheet
72
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 4
Unused
Reserved
In normal functional mode, these bits is zero.
3LCI
Lock Change Interrupt Bit
If the device sets this bit to high, the device lock status has changed.
2
RCI
Reference Change Interrupt Bit
If the device sets this bit to high, the selected reference has changed.
1HOI
Holdover Interrupt Bit
If the device sets this bit to high, the device has entered or recovered from the
holdover/MTIE mode.
0Unused
Reserved
In normal functional mode, this bit is zero.
Note 1: If any of these bits are set, the interrupt output will become active unless the Interrupt Mask Register (IMR) has a high
value for that particular bit.
Note 2: Any of these bits can be cleared by setting the appropriate bit in the Interrupt Clear Register.
Table 38 - Interrupt Register (IR) Bits - Read Only
Bit
Name
Description
15 - 4
Unused
Reserved
In normal functional mode, these bits MUST be set to zero.
3LIM
Lock Interrupt Mask Bit
When this bit is high, it masks the lock status change interrupt.
2RIM
Reference Change Interrupt Mask Bit
When this bit is high, it masks the reference change interrupt.
1HIM
Holdover Interrupt Mask Bit
When this bit is high, it masks the holdover entry/exit interrupt.
Table 39 - Interrupt Mask Register (IMR) Bits
External Read Only Address: 0066H
15
14
13
12
11
10
987
654
321
0
0
000
000
0000
0
LCI
RCI
HOI
0
External Read/Write Address: 0067H
Reset Value: 000FH
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
000
00
00
00
LIM
RIM
HIM
1


Similar Part No. - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022GAC ZARLINK-ZL50022GAC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022QCC ZARLINK-ZL50022QCC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com