Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50022 Datasheet(PDF) 64 Page - Zarlink Semiconductor Inc

Part # ZL50022
Description  Enhanced 4 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50022 Datasheet(HTML) 64 Page - Zarlink Semiconductor Inc

Back Button ZL50022_06 Datasheet HTML 60Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 61Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 62Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 63Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 67Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 68Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
ZL50022
Data Sheet
64
Zarlink Semiconductor Inc.
Bit
Name
Description
15-12
Unused
Reserved
In normal functional mode, these bits MUST be set to zero.
11 - 9
R3F2 - 0
Reference 3 Frequency Bits
When the RFRE bit of the DPLLCR register is high, these bits are used to select the
REF3 input frequency. When the RFRE bit is low, these bits are ignored.
8 - 6
R2F2 - 0
Reference 2 Frequency Bits: When the RFRE bit of the DPLLCR register is high, these
bits are used to select the REF2 input frequency. When the RFRE bit is low, these bits
are ignored.
Table 29 - Reference Frequency Register (RFR) Bits
External Read/Write Address: 0041H
Reset Value: 0000H
15
14
13
12
11
10
98
7654
321
0
0000
R3F2
R3F1
R3F0
R2F2
R2F1
R2F0
R1F2
R1F1
R1F0
R0F2
R0F1
R0F0
R3F2
R3F1
R3F0
REF 3 Input Frequency
000
8 kHz
0
0
1
1.544 MHz
0
1
0
2.048 MHz
0
1
1
4.096 MHz
1
0
0
8.192 MHz
101
16.384 MHz
110
19.44 MHz
111
Reserved
R2F2
R2F1
R2F0
REF 2 Input Frequency
000
8 kHz
0
0
1
1.544 MHz
0
1
0
2.048 MHz
0
1
1
4.096 MHz
1
0
0
8.192 MHz
101
16.384 MHz
110
19.44 MHz
111
Reserved


Similar Part No. - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022GAC ZARLINK-ZL50022GAC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022QCC ZARLINK-ZL50022QCC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com