Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50022 Datasheet(PDF) 55 Page - Zarlink Semiconductor Inc

Part # ZL50022
Description  Enhanced 4 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50022 Datasheet(HTML) 55 Page - Zarlink Semiconductor Inc

Back Button ZL50022_06 Datasheet HTML 51Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 52Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 53Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 54Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 55Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 56Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 57Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 58Page - Zarlink Semiconductor Inc ZL50022_06 Datasheet HTML 59Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 121 page
background image
ZL50022
Data Sheet
55
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 9
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
8STIO_PD_
EN
STio Pull-down Enable
When this bit is low, the pull-down resistors on all STio pads will be disabled.
When this bit is high, the pull-down resistors on all STio pads will be enabled.
7BDH
Bi-directional Control for Streams 16-31
6BDL
Bi-directional Control for Streams 0-15
5
RBEREN
PRBS Receiver Enable
When this bit is low, all the BER receivers are disabled. To enable any BER receivers,
this bit MUST be high.
4
TBEREN
PRBS Transmitter Enable
When this bit is low, all the BER transmitters are disabled. To enable any BER
transmitters, this bit MUST be high.
3 - 1
BPD2 - 0
Block Programming Data
These bits refer to the value to be loaded into the connection memory, whenever the
memory block programming feature is activated. After the MBPE bit in the Control
Register is set to high and the MBPS bit in this register is set to high, the contents of
the bits BPD2 - 0 are loaded into bits 2 - 0 of the Connection Memory Low. Bits 15 - 3
of the Connection Memory Low and bits 15 - 0 of Connection Memory High are
zeroed.
Table 18 - Internal Mode Selection Register (IMS) Bits
External Read/Write Address: 0001H
Reset Value: 0000H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
000
00
STIO_
PD_EN
BDH
BDL
RBER
EN
TBER
EN
BPD
2
BPD
1
BPD
0
MBPS
BDH
STio16 - 31 Operation
0
normal operation:
STi16-31 are inputs
STio16-31 are outputs
1
bi-directional operation:
STi16-31 tied low internally
STio16-31 are bi-directional
BDL
STio0 - 15 Operation
0
normal operation:
STi0-15 are inputs
STio0-15 are outputs
1
bi-directional operation:
STi0-15 tied low internally
STio0-15 are bi-directional


Similar Part No. - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022GAC ZARLINK-ZL50022GAC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022QCC ZARLINK-ZL50022QCC Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50022_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com