Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50021 Datasheet(PDF) 74 Page - Zarlink Semiconductor Inc

Part # ZL50021
Description  Enhanced 4 K Digital Switch with Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50021 Datasheet(HTML) 74 Page - Zarlink Semiconductor Inc

Back Button ZL50021 Datasheet HTML 70Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 71Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 72Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 73Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 74Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 75Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 76Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 77Page - Zarlink Semiconductor Inc ZL50021 Datasheet HTML 78Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
ZL50021
Data Sheet
74
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 13
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
12 - 0
SRL12 - 0
Slew Rate Limit Bits: The binary value of these bits defines the maximum rate of DPLL
phase change (phase slope), where the phase represents difference between the input
reference and output feedback clock. Defined in same units as CFN (unsigned).
Note: The default value is
±56 ppm (’h099F/CFN = 56 ppm).
Table 38 - Slew Rate Limit Register (SRLR) Bits
Bit
Name
Description
15 - 14
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
13
BLM
Bypass Limiter Bit: When this bit is high, the DPLL slew rate limiter is bypassed
(ignored). In combination with FLF_QS, FLC3 - 0, FFL3 - 0 and LPF3 - 0 bits, causes fast
locking of the DPLL output clocks to the selected reference.
When this bit is low, the DPLL performs normal lock following the slew rate limit defined
in the slew rate limit register (SRLR).
12
FLF_QS
Fast Lock Frequency Quick Stabilization Bit: This bit is used to control speed of
internal frequency stabilization.
When this bit is high, the DPLL internal frequency will quickly stabilize to the appropriate
value, allowing very fast storage of holdover frequency value.
When this bit is low, the internal frequency value will be reached over normal locking time
(i.e. <100 seconds), and some extra jitter on output clocks can be expected.
It is recommended to set this bit if fast locking functionality is desired.
When the BLM bit is low, this bit is ignored.
11 - 8
FLC3 - 0
Fast Lock Control Bits: Value of these bits (unsigned) control stability of frequency
when FFL3 - 0 bits of this register are used. Larger values result in faster locking and are
recommended for reference clocks with small jitter, while smaller values are
recommended for references with presence of significant jitter.
Table 39 - Bandwidth Control Register (BWCR) Bits
External Read/Write Address: 0049H
Reset Value: 099FH (see Note)
15
14
13
12
11
10
98
7654
321
0
000
SRL
12
SRL
11
SRL
10
SRL
9
SRL
8
SRL
7
SRL
6
SRL
5
SRL
4
SRL
3
SRL
2
SRL
1
SRL
0
External Read/Write Address: 004AH
Reset Value: 0002H (see Note)
15
14
13
12
11
10
98
7654
321
0
00
BLM
FLF_
QS
FLC
3
FLC
2
FLC
1
FLC
0
FFL
3
FFL
2
FFL
1
FFL
0
LPF
3
LPF
2
LPF
1
LPF
0


Similar Part No. - ZL50021

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAC ZARLINK-ZL50021GAC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAG2 ZARLINK-ZL50021GAG2 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021QCC ZARLINK-ZL50021QCC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
More results

Similar Description - ZL50021

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com