Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50021_0611 Datasheet(PDF) 63 Page - Zarlink Semiconductor Inc

Part # ZL50021_0611
Description  Enhanced 4 K Digital Switch with Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50021_0611 Datasheet(HTML) 63 Page - Zarlink Semiconductor Inc

Back Button ZL50021_0611 Datasheet HTML 59Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 60Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 61Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 62Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 63Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50021_0611 Datasheet HTML 67Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
ZL50021
Data Sheet
63
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 11
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
10
FP19EN
19.44 MHz Frame Pulse Output Enable. (For FPo_OFF2 only)
This bit is a reserved bit for FPo_OFF0 and FPo_OFF1, and MUST be set to zero.
When this bit is high, FPo_OFF2 is negative frame pulse output corresponding to
19.44 MHz without channel offset.
When this bit is low, FPo_OFF2 is output frame pulse with channel offset.
9 - 2
FOF[n]OFF7 - 0
FPo_OFF[n] Channel Offset
The binary value of these bits refers to the channel offset from original frame bound-
ary. Permitted channel offset values depend on bits 1-0 of this register.
1 - 0
FOF[n]C1 - 0
FPo_OFF[n] Control bits
Note: [n] denotes output offset frame pulse from 0 to 2.
Table 23 - FPo_OFF[n] Register (FPo_OFF[n]) Bits
External Read/Write Address: 0005H - 0007H
Reset Value: 0000H
15
14
13
12
11
10
9876543210
00
000
FP19
EN
FOF[n]
OFF7
FOF[n]
OFF6
FOF[n]
OFF5
FOF[n]
OFF4
FOF[n]
OFF3
FOF[n]
OFF2
FOF[n]
OFF1
FOF[n]
OFF0
FOF[n]
C1
FOF[n]
C0
FOF[n]C
1-0
Data
Rate
(Mbps)
FPo_OFF[n]
Pulse Cycle Width
FOF[n]OFF7 - 0
Permitted
Channel Offset
Polarity
Control
Position
Control
00
2.048
one 4.096 MHz clock
0 - 31
FPO0P
FPO0POS
01
4.096
one 8.192 MHz clock
0 - 63
FPO1P
FPO1POS
10
8.192
one 16.384 MHz clock
0 - 127
FPO2P
FPO2POS
11
16.384
one 16.384 MHz clock
0 - 255
FPO2P
FPO2POS


Similar Part No. - ZL50021_0611

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50021GAC ZARLINK-ZL50021GAC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAG2 ZARLINK-ZL50021GAG2 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021QCC ZARLINK-ZL50021QCC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
More results

Similar Description - ZL50021_0611

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com