Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA032D04 Datasheet(PDF) 24 Page - Texas Instruments

Part No. TPA032D04
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D04 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA032D04_07 Datasheet HTML 20Page - Texas Instruments TPA032D04_07 Datasheet HTML 21Page - Texas Instruments TPA032D04_07 Datasheet HTML 22Page - Texas Instruments TPA032D04_07 Datasheet HTML 23Page - Texas Instruments TPA032D04_07 Datasheet HTML 24Page - Texas Instruments TPA032D04_07 Datasheet HTML 25Page - Texas Instruments TPA032D04_07 Datasheet HTML 26Page - Texas Instruments TPA032D04_07 Datasheet HTML 27Page - Texas Instruments TPA032D04_07 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TPA032D04
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
24
TI.COM
MECHANICAL DATA
DCA (R-PDSO-G**)
PowerPAD PLASTIC SMALL-OUTLINE PACKAGE
0,25
0,50
0,75
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
Thermal Pad
(See Note D)
64
17,10
56
14,10
Seating Plane
16,90
13,90
4073259/A 01/98
0,27
25
24
A
0,17
48 PINS SHOWN
48
1
48
DIM
PINS **
A MAX
A MIN
1,20 MAX
12,40
12,60
0,50
0,10
M
0,08
0°−8°
0,05
0,15
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-153
PowerPAD is a trademark of Texas Instruments.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn