Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA032D04 Datasheet(PDF) 9 Page - Texas Instruments

Part No. TPA032D04
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D04 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA032D04_07 Datasheet HTML 5Page - Texas Instruments TPA032D04_07 Datasheet HTML 6Page - Texas Instruments TPA032D04_07 Datasheet HTML 7Page - Texas Instruments TPA032D04_07 Datasheet HTML 8Page - Texas Instruments TPA032D04_07 Datasheet HTML 9Page - Texas Instruments TPA032D04_07 Datasheet HTML 10Page - Texas Instruments TPA032D04_07 Datasheet HTML 11Page - Texas Instruments TPA032D04_07 Datasheet HTML 12Page - Texas Instruments TPA032D04_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPA032D04
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
9
TI.COM
PARAMETER MEASUREMENT INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND
LPVDD
PVDD
SHUTDOWN
HPREG
V2P5
HPLIN
HPLOUT
HPVCC
HPROUT
HPRIN
PGND
30 µH
30 µH
0.1 µF
0.1 µF
1 µF
8 Ω
12 V
1 µF
1 µF
Balanced
Differential
Input Signal
1000 pF
1000 pF
1000 pF
1 µF
1 µF
Balanced
Differential
Input Signal
12 V
HPDR
HPDL
CP1
CP2
VCP
FAULT0
FAULT1
MODE
MUTE
1 µF
LOUTP
LOUTN
30 µH
30 µH
0.1 µF
0.1 µF
1 µF
8 Ω
ROUTP
ROUTN
47 nF
0.1 µF
42
1
2
3
9,16
5
4
6
43
48
44
45
33,40
7,20,46,47
12,13,27,36,37
21, 28
19
30
32
41
14,15
10,11
29
8
18
31
17
26
23
24
25
22
34,35
38,39
12 V
HPREG
12 V
500 kΩ
100 kΩ
To
HPREG
HPREG
To HPVCC
0.1 µF
Figure 2. 12-V, 8-Ω Test Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn