Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA032D04 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA032D04
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TPA032D04 Datasheet(HTML) 5 Page - Texas Instruments

  TPA032D04_07 Datasheet HTML 1Page - Texas Instruments TPA032D04_07 Datasheet HTML 2Page - Texas Instruments TPA032D04_07 Datasheet HTML 3Page - Texas Instruments TPA032D04_07 Datasheet HTML 4Page - Texas Instruments TPA032D04_07 Datasheet HTML 5Page - Texas Instruments TPA032D04_07 Datasheet HTML 6Page - Texas Instruments TPA032D04_07 Datasheet HTML 7Page - Texas Instruments TPA032D04_07 Datasheet HTML 8Page - Texas Instruments TPA032D04_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPA032D04
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
5
TI.COM
absolute maximum ratings over operating free-air temperature range, TC = 25°C (unless otherwise
noted)
Supply voltage, (VDD, PVDD, LPVDD, RPVDD)
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Headphone supply voltage, (HPVCC)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (MUTE, MODE, SHUTDOWN)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (FAULT0, FAULT1), open drain terminated
1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply/load voltage, (FAULT0, FAULT1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge pump voltage, VCP
PVDD + 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous H-bridge output current (1 H-bridge conducting)
3.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed H-Bridge output current, each output, Imax (see Note 1)
7 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous HPREG output current, IO (HPREG)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation, TC = 25°C
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65°C to 260°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Pulse duration = 10 ms, duty cycle v 2%
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DCA
5.6 W
44.8 mW/°C
3.6 W
2.9 W
Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report
(literature number SLMA002), for more information on the PowerPAD package. The thermal data
was measured on a PCB layout based on the information in the section entitled Texas Instruments
Recommended Board for PowerPAD
on page 33 of the before mentioned document.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, PVDD, LPVDD, RPVDD
8
14
V
Headphone supply voltage, HPVCC
4.5
5.5
V
High-level input voltage, VIH (MUTE, MODE, SHUTDOWN)
2
VDD + 0.3 V
V
Low-level input voltage, VIL (MUTE, MODE, SHUTDOWN)
−0.3
0.8
V
Audio inputs, LINN, LINP, RINN, RINP, HPLIN, HPRIN, differential input voltage
1
VRMS
PWM frequency
100
250
500
kHZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn