Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA032D03 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPA032D03
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 Datasheet(HTML) 4 Page - Texas Instruments

  TPA032D03_07 Datasheet HTML 1Page - Texas Instruments TPA032D03_07 Datasheet HTML 2Page - Texas Instruments TPA032D03_07 Datasheet HTML 3Page - Texas Instruments TPA032D03_07 Datasheet HTML 4Page - Texas Instruments TPA032D03_07 Datasheet HTML 5Page - Texas Instruments TPA032D03_07 Datasheet HTML 6Page - Texas Instruments TPA032D03_07 Datasheet HTML 7Page - Texas Instruments TPA032D03_07 Datasheet HTML 8Page - Texas Instruments TPA032D03_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Class-D amplifier faults
Table 1. Class-D Amplifier Fault Table
FAULT 0
FAULT 1
DESCRIPTION
1
1
No fault. The device is operating normally.
0
1
Charge pump under-voltage lock-out (VCP-UV) fault. All low-side transistors are turned on, shorting the load to
ground. Once the charge pump voltage is restored, normal operation resumes, but FAULT1 is still active. This is not
a latched fault, however. FAULT1 is cleared by cycling MUTE, SHUTDOWN, or the power supply.
0
0
Thermal fault. All the low-side transistors are turned on, shorting the load to ground. Once the junction temperature
drops 20
°C, normal operation resumes (not a latched fault). But the FAULTx terminals are still set and are cleared
by cycling MUTE, SHUTDOWN, or the power supply.
headphone amplifier faults
The thermal fault remains active when the device is in head phone mode. This fault operation has exactly the
same as it does for the Class-D amplifier (see Table 1).
If HPVCC drops below approximately 4.5 V, the head phone is disabled. Once HPVCC exceeds approximately
4.5 V, the head phone amplifier is re-enabled. No fault is reported to the user.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP†
(DCA)
−40
°C to 125°C
TPA032D03DCA
† The DCA package is available in left-ended tape and reel. To order
a taped and reeled part, add the suffix R to the part number (e.g.,
TPA032D03DCAR).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn