Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA032D02 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 2Page - Texas Instruments TPA032D02 Datasheet HTML 3Page - Texas Instruments TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPA032D02
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS243B − DECEMBER 1999 − REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 4 Ω to 8 Ω,
TA = 25°C, See Figure 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supply rejection ratio
VDD = PVDD = xPVDD = 11 V to 13 V
−40
dB
IDD
Supply current
No output filter connected
25
35
mA
IDD(Mute) Supply current, mute mode
MUTE = 0 V
10
18
mA
IDD(S/D)
Supply current, shutdown mode
SHUTDOWN = 0 V
20
30
µA
|IIH|
High-level input current (MUTE, MODE,
SHUTDOWN)
VIH = 5.25 V
10
µA
|IIL|
Low-level input current (MUTE, MODE,
SHUTDOWN)
VIL = − 0.3 V
10
µA
rDS(on)
Static drain-to-source on-state resistance
(high-side + low-side FETs)
IDD = 0.5 A
720
800
m
rDS(on)
Matching, high-side to high-side, low-side to
low-side, same channel
95%
98%
operating characteristics, Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 4 Ω,
TA = 25°C, See Figure 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
f = 1 kHz,
THD = 0.5%, per channel,
Device soldered on PCB,
See Note 2
10
W
Efficiency
PO = 10 W,
f = 1 kHz
77%
AV
Gain
25
dB
Left/right channel gain matching
92%
95%
Noise floor
−60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
−50
dB
Frequency response bandwidth, post output filter, − 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
NOTE 2: Output power is thermally limited, TA = 23°C


Similar Part No. - TPA032D02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCA TI-TPA032D02DCA Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com