Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA032D02 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 4 Page - Texas Instruments

  TPA032D02_07 Datasheet HTML 1Page - Texas Instruments TPA032D02_07 Datasheet HTML 2Page - Texas Instruments TPA032D02_07 Datasheet HTML 3Page - Texas Instruments TPA032D02_07 Datasheet HTML 4Page - Texas Instruments TPA032D02_07 Datasheet HTML 5Page - Texas Instruments TPA032D02_07 Datasheet HTML 6Page - Texas Instruments TPA032D02_07 Datasheet HTML 7Page - Texas Instruments TPA032D02_07 Datasheet HTML 8Page - Texas Instruments TPA032D02_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPA032D02
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS243B − DECEMBER 1999 − REVISED JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Class-D amplifier faults
Table 1. Class-D Amplifier Fault Table
FAULT 0
FAULT 1
DESCRIPTION
1
1
No fault. The device is operating normally.
0
1
Charge pump under-voltage lock-out (VCP-UV) fault. All low-side transistors are turned on, shorting the load to
ground. Once the charge pump voltage is restored, normal operation resumes, but FAULT1 is still active. This is not
a latched fault, however. FAULT1 is cleared by cycling MUTE, SHUTDOWN, or the power supply.
0
0
Thermal fault. All the low-side transistors are turned on, shorting the load to ground. Once the junction temperature
drops 20
°C, normal operation resumes (not a latched fault). But the FAULTx terminals are still set and are cleared
by cycling MUTE, SHUTDOWN, or the power supply.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP†
(DCA)
−40
°C to 125°C
TPA032D02DCA
† The DCA package is available in left-ended tape and reel. To order
a taped and reeled part, add the suffix R to the part number (e.g.,
TPA032D02DCAR).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn