Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50020 Datasheet(PDF) 28 Page - Zarlink Semiconductor Inc

Part # ZL50020
Description  Enhanced 2 K Digital Switch
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50020 Datasheet(HTML) 28 Page - Zarlink Semiconductor Inc

Back Button ZL50020 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50020 Datasheet HTML 32Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
ZL50020
Data Sheet
28
Zarlink Semiconductor Inc.
7.5
External High Impedance Control Advancement
The external high impedance signals can be programmed to better match the timing required by the external
buffers. By default, the output timing of the STOHZ signals follows the programmed channel delay and bit offset of
their corresponding ST-BUS/GCI-Bus output streams. In addition, for all high impedance streams operating at any
data rate except 16.384 Mbps, the user can advance the STOHZ signals a further 0, 1/4, 1/2, 3/4 or 4/4 bits by
programming STOHZ[n]A 2 - 0 (bit 11 - 9) in the Stream Output Control Register. When the stream is operating at
16.384 Mbps, the additional STOHZ advancement can be set to 0, 1/2 or 4/4 bits by programming the same
register.
Figure 16 - Channel Switching External High Impedance Control Timing
8.0
Data Delay Through the Switching Paths
The switching of information from the input serial streams to the output serial streams results in a throughput delay.
The device can be programmed to perform timeslot interchange functions with different throughput delay
capabilities on a per-channel basis. For voice applications, select variable throughput delay to ensure minimum
delay between input and output data. In wideband data applications, select constant delay to maintain the frame
integrity of the information through the switch. The delay through the device varies according to the type of
throughput delay selected by the V/C (bit 14) in the Connection Memory Low when CMM = 0.
8.1
Variable Delay Mode
Variable delay mode causes the output channel to be transmitted as soon as possible. This is a useful mode for
voice applications where the minimum throughput delay is more important than frame integrity. The delay through
the switch can vary from 7 channels to 1 frame + 7 channels. To set the device into variable delay mode, VAREN
(bit 4) in the Control Register (CR) must be set before V/C (bit 14) in the Connection Memory Low when CMM = 0.
If the VAREN bit is not set and the device is programmed for variable delay mode, the information read on the
output stream will not be valid.
CH0
CH1
CH2
CH3
Last-2
Last-1
Last
CH0
Last
HiZ
FPi
STio[n]
STOHZ[n]
STOHZ[n]
(with Advancement)
(Default = No Advancement)
STOHZ Advancement (Programmable in 4 steps of 1/4 bit
for 2.048 Mbps, 4.096 Mbps and 8.192 Mbps
Programmable in 2 steps of 1/2 bit for 16.384 Mbps)
Note: n = 0 to 15
Note: Last = Last Channel of 31, 63, 127 and 255 for 2.048 Mbps, 4.096 Mbps. 8.192 Mbps and 16.384 Mbps modes respectively.
Output Frame Boundary


Similar Part No. - ZL50020

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAC ZARLINK-ZL50021GAC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAC ZARLINK-ZL50021GAC Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021GAG2 ZARLINK-ZL50021GAG2 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
More results

Similar Description - ZL50020

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50023 ZARLINK-ZL50023_06 Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com