Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50019 Datasheet(PDF) 58 Page - Zarlink Semiconductor Inc

Part # ZL50019
Description  Enhanced 2 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50019 Datasheet(HTML) 58 Page - Zarlink Semiconductor Inc

Back Button ZL50019_06 Datasheet HTML 54Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 55Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 56Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 57Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 58Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 59Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 60Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 61Page - Zarlink Semiconductor Inc ZL50019_06 Datasheet HTML 62Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 121 page
background image
ZL50019
Data Sheet
58
Zarlink Semiconductor Inc.
Bit
Name
Description
15
CKO4P
Output Clock (CKo4) Polarity Selection
When this bit is low, the output clock CKo4 falling edge aligns with the frame
boundary. When this bit is high, the output clock CKo4 rising edge aligns with the
frame boundary.
CKo4 is available in Master mode or in Slave mode with SLV_DPLLEN set.
14
CKO4SEL
Output Clock (CKo4) Frequency Selection
When this bit is low, the output clock CKo4 is 2.048 MHz.
When this bit is high, the output clock CKo4 is 1.544 MHz.
CKo4 is available in Master mode or in Slave mode with SLV_DPLLEN set.
13 - 12
CKOFPO3
SEL1 - 0
Output Clock (CKo3) Frequency and Output Frame Pulse (FPo3) Pulse Cycle
Selection
11
CKO3P
Output Clock (CKo3) Polarity Selection
When this bit is low, the output clock CKo3 falling edge aligns with the frame
boundary. When this bit is high, the output clock CKo3 rising edge aligns with the
frame boundary.
10
FPO3P
Output Frame Pulse (FPo3) Polarity Selection
When this bit is low, the output frame pulse FPo3 has the negative frame pulse format.
When this bit is high, the output frame pulse FPo3 has the positive frame pulse format.
9FPO3POS
Output Frame Pulse (FPo3) Position
When this bit is low, FPo3 straddles frame boundary (as defined by ST-BUS).
When this bit is high, FPo3 starts from frame boundary (as defined by GCI-Bus).
8CKO2P
Output Clock (CKo2) Polarity Selection
When this bit is low, the output clock CKo2 falling edge aligns with the frame
boundary. When this bit is high, the output clock CKo2 rising edge aligns with the
frame boundary.
7FPO2P
Output Frame Pulse (FPo2) Polarity Selection
When this bit is low, the output frame pulse FPo2 has the negative frame pulse format.
When this bit is high, the output frame pulse FPo2 has the positive frame pulse format.
Table 21 - Output Clock and Frame Pulse Selection Register (OCFSR) Bits
External Read/Write Address: 0004H
Reset Value: 0000H
15
14
13
12
11
10
987
65
4
3
21
0
CKO4
P
CKO4
SEL
CKO
FPO3
SEL1
CKO
FPO3
SEL0
CKO3
P
FPO3
P
FPO3
POS
CKO2
P
FPO2
P
FPO2
POS
CKO1
P
FPO1
P
FPO1
POS
CKO0
P
FPO0
P
FPO0
POS
CKOFPO3
SEL1 - 0
FPo3
CKo3
00
244 ns
4.096 MHz
01
122 ns
8.192 MHz
10
61 ns
16.384 MHz
11
30 ns
32.768 MHz


Similar Part No. - ZL50019_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019GAC ZARLINK-ZL50019GAC Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019QCC ZARLINK-ZL50019QCC Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50019_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com