Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50018 Datasheet(PDF) 42 Page - Zarlink Semiconductor Inc

Part # ZL50018
Description  2 K Digital Switch with Enhanced Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50018 Datasheet(HTML) 42 Page - Zarlink Semiconductor Inc

Back Button ZL50018_06 Datasheet HTML 38Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 40Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 41Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 46Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 136 page
background image
ZL50018
Data Sheet
42
Zarlink Semiconductor Inc.
With a preferred reference, if more than two references are required, or the two references are not in consecutive
order, or the roles of the two references need to be interchanged, then external software is required to manually
control the reference switching of the DPLL (by monitoring the reference failure status and reprogramming the
device accordingly).
12.1.4
Freerun Mode
In freerun mode, the DPLL generates a fixed output frequency based on the crystal oscillator and a programmed
centre frequency. To meet Stratum 3, the accuracy of the circuitry for the freerunning output clock must be 4.6 ppm
or better. The circuit’s freerun accuracy is better than 0.003 ppm.
In freerun mode, the DPLL does not lock to any reference. It is important that the device is not simultaneously in
freerun mode (see the RCCR Register) and fast lock mode (see the BWCR Register). Otherwise, the output frame
pulse may not be generated correctly.
12.1.5
Software Controlled Mode
When the DPLL is in the freerun mode, it can be put into software controlled mode by enabling the SWE (bit 3) in
the DPLL Control Register (DPLLCR). The Software Delta Frequency Register (SWDFR) contains the frequency
offset to which the DPLL outputs will move. If SWF (bit 4) in the DPLL Control Register (DPLLCR) is low, the DPLL
outputs will gradually move to the given frequency offset, with the speed defined by the DPLL internal filter and
phase alignment speed (phase slope) limiter. If SWF (bit 4) is high, the DPLL outputs will reach the Software Delta
Frequency Register (SWDFR) frequency offset immediately after it is written, allowing an external software-based
filter and phase alignment speed (phase slope) limiter to be used. When SWE (bit 3) is low or the DPLL is not in the
freerun mode, the value of Software Delta Frequency Register (SWDFR) will be ignored. For detailed description of
the DPLL Control Register (DPLLCR) bits and the Software Delta Frequency Register (SWDFR) bits see Table 29
on page 65, and Table 33 on page 70, respectively.
12.1.6
DPLL Internal Reset Mode
DPLL_IRM (bit 0) in the DPLL Control Register (DPLLCR) enables the internal reset mode. In the internal reset
mode, the DPLL module is disabled to save power. The circuit will be reset continuously and no output clocks will
be generated. When the internal DPLL module is in the internal reset mode, all registers remain accessible. Note
that applying the DPLL reset does not reset the DPLL registers: they preserve the values that they had prior to
entering reset.
13.0
DPLL Frequency Behaviour
13.1
Input Frequencies
The DPLL is capable of synchronizing to one of the following input frequencies:
8kHz
1.544 MHz (DS1)
2.048 MHz (E1)
4.096 MHz
8.192 MHz
16.384 MHz
19.44 MHz
Table 9 - DPLL Input Reference Frequencies


Similar Part No. - ZL50018_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018GAC ZARLINK-ZL50018GAC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCC ZARLINK-ZL50018QCC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results

Similar Description - ZL50018_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com