Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50016 Datasheet(PDF) 14 Page - Zarlink Semiconductor Inc

Part # ZL50016
Description  Enhanced 1 K Digital Switch
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50016 Datasheet(HTML) 14 Page - Zarlink Semiconductor Inc

Back Button ZL50016_06 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL50016_06 Datasheet HTML 18Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
ZL50016
Data Sheet
14
Zarlink Semiconductor Inc.
B6, C6, D5,
D4, B4, B3,
C5, C4, E3,
C2, B2, D2,
F3, F4, E2,
F2
179, 180,
181, 182,
183, 184,
185, 187,
198, 200,
201, 202,
203, 204,
205, 206,
STi0 - 15
Serial Input Streams 0 to 15 (5 V-Tolerant Inputs with Internal
Pull-downs)
The data rate of each input stream can be selected independently
using the Stream Input Control Registers (SICR[n]). In the
2.048 Mbps mode, these pins accept serial TDM data streams at
2.048 Mbps with 32 channels per frame. In the 4.096 Mbps mode,
these pins accept serial TDM data streams at 4.096 Mbps with 64
channels per frame. In the 8.192 Mbps mode, these pins accept
serial TDM data streams at 8.192 Mbps with 128 channels per
frame. In the 16.384 Mbps mode, these pins accept TDM data
streams at 16.384 Mbps with 256 channels per frame.
N4, P4, R4,
P5, N13,
P11, R14,
R15, M15,
L15, L13,
L14, E14,
D13, D15,
C15
6, 7, 9,
10, 51,
52, 53,
54, 70,
72, 73,
74, 115,
116, 117,
118
STio 0 - 15
Serial Output Streams 0 to 15 (5 V-Tolerant Slew-Rate-Limited
Three-state I/Os with Enabled Internal Pull-downs)
The data rate of each output stream can be selected
independently using the Stream Output Control Registers
(SOCR[n]). In the 2.048 Mbps mode, these pins output serial TDM
data streams at 2.048 Mbps with 32 channels per frame. In the
4.096 Mbps mode, these pins output serial TDM data streams at
4.096 Mbps with 64 channels per frame. In the 8.192 Mbps mode,
these pins output serial TDM data streams at 8.192 Mbps with
128 channels per frame. In the 16.384 Mbps mode, these pins
output serial TDM data streams at 16.384 Mbps with 256
channels per frame.These output streams can be used as
bi-directionals by programming BDL (bit 6) of Internal Mode
Selection (IMS) register.
R3, P6, R5,
N5, P12,
N15, P13,
P15
11, 12,
13, 14,
55, 56,
58, 59
STOHZ 0 - 7
Serial Output Streams High Impedance Control 0 to 7
(5 V-Tolerant Slew-Rate-Limited Three-state Outputs)
These pins are used to enable (or disable) external three-state
buffers. When an output channel is in the high impedance state,
the STOHZ drives high for the duration of the corresponding
output channel. When the STio channel is active, the STOHZ
drives low for the duration of the corresponding output channel.
STOHZ outputs are available for STio0 - 7 only.
B15
141
ODE
Output Drive Enable (5 V-Tolerant Input with Internal Pull-up)
This is the output enable control for STio0 - 15 and the
output-driven-high control for STOHZ0 - 7. When it is high, STio0 -
15 and STOHZ0 - 7 are enabled. When it is low, STio0 - 15 are
tristated and STOHZ0 - 7 are driven high.
M4, N6, R6,
P7, R7, N7,
M8, N8, P8,
R8, M9, N9,
R9, N10, P9,
R10
16, 18,
20, 22,
23, 24,
25, 26,
27, 28,
30, 32,
34, 36,
37, 38
D0 - 15
Data Bus 0 to 15 (5 V-Tolerant Slew-Rate-Limited Three-state
I/Os)
These pins form the 16-bit data bus of the microprocessor port.
PBGA Pin
Number
LQFP Pin
Number
Pin Name
Description


Similar Part No. - ZL50016_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50016GAC ZARLINK-ZL50016GAC Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016QCC ZARLINK-ZL50016QCC Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results

Similar Description - ZL50016_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
ZL50023 ZARLINK-ZL50023_06 Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50017_0611 ZARLINK-ZL50017_0611 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017 ZARLINK-ZL50017 Datasheet
500Kb / 51P
   1 K Digital Switch
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com