Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50015 Datasheet(PDF) 88 Page - Zarlink Semiconductor Inc

Part # ZL50015
Description  Enhanced 1 K Digital Switch with Stratum 4E DPLL
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50015 Datasheet(HTML) 88 Page - Zarlink Semiconductor Inc

Back Button ZL50015 Datasheet HTML 84Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 85Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 86Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 87Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 88Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 89Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 90Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 91Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 92Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
ZL50015
Data Sheet
88
Zarlink Semiconductor Inc.
When CMM is one, the device is programmed to perform one of the special per-channel transmission modes. Bits
PCC0 and PCC1 from connection memory are used to select the per-channel tristate, message or BER test mode
as shown in Table 52 on page 88.
24.3
Connection Memory High (CM_H) Bit Assignment
Connection memory high provides the detailed information required for
µ-law and A-law conversion. ICL and OCL
bits describe the Input Coding Law and the Output Coding Law, respectively. They are used to select the expected
PCM coding laws for the connection, on the TDM inputs, and on the TDM outputs. The V/D bit is used to select the
class of coding law. If the V/D bit is cleared (to select a voice connection), the ICL and OCL bits select between
A-law and
µ-law specifications related to G.711 voice coding. If the V/D bit is set (to select a data connection), the
ICL and OCL bits select between various bit inverting protocols. These coding laws are illustrated in the following
table. If the ICL is different than the OCL, all data bytes passing through the switch on that particular connection are
translated between the indicated laws. If the ICL and the OCL are the same, no coding law translation is performed.
Bit
Name
Description
15
UAEN
Conversion between
µ-law and A-law Enable (Message mode only)
When this bit is low, message mode has no
µ-law/A-law conversion. Connec-
tion memory high will be ignored.
When this bit is high, message mode has
µ-law/A-law conversion, and con-
nection memory high controls the conversion method.
14 - 11
Unused
Reserved
In normal functional mode, these bits MUST be set to zero.
10 - 3
MSG7 - 0
Message Data Bits
8-bit data for the message mode. Not used in the per-channel tristate and
BER test modes.
2 - 1
PCC1 - 0
Per-Channel Control Bits
These two bits control the corresponding entry’s value on the STio stream.
0
CMM = 1
Connection Memory Mode = 1
If this is high, the connection memory is in the per-channel control mode
which is per-channel tristate, per-channel message mode or per-channel BER
mode.
Note: For proper
µ-law/A-law conversion, the CM_H bits should be set before Bit 15 (UAEN bit) is set to high.
Table 52 - Connection Memory Low (CM_L) Bit Assignment when CMM = 1
15
14
13
12
11
10
9
876
54
321
0
UA
EN
000
0
MSG
7
MSG
6
MSG
5
MSG
4
MSG
3
MSG
2
MSG
1
MSG
0
PCC
1
PCC
0
CMM
=1
PC
C1
PC
C0
Channel Output Mode
0
0
Per Channel Tristate
0
1
Message Mode
10
BER Test Mode
11
Reserved


Similar Part No. - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015GAC ZARLINK-ZL50015GAC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC ZARLINK-ZL50015QCC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC1 ZARLINK-ZL50015QCC1 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCG1 ZARLINK-ZL50015QCG1 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
More results

Similar Description - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com