Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50015 Datasheet(PDF) 67 Page - Zarlink Semiconductor Inc

Part # ZL50015
Description  Enhanced 1 K Digital Switch with Stratum 4E DPLL
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50015 Datasheet(HTML) 67 Page - Zarlink Semiconductor Inc

Back Button ZL50015 Datasheet HTML 63Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 67Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 68Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 69Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 70Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 71Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
ZL50015
Data Sheet
67
Zarlink Semiconductor Inc.
Bit
Name
Description
15
Unused
Reserved. In normal functional mode, this bit is zero.
14 - 0
FOF14 - 0
Frequency Offset Bits: The binary value of these bits represents the current deviation
of the DPLL output from its center frequency. Defined in same units as CFN in the 2's
complement format.
Note 1: Output frequency offset, relative to master clock, will be represented as the following:
+10 ppm: CFN x 0.00001 = 440 = 01B8H
-10 ppm: CFN x (-0.00001) = -440 = 7E48H
Table 30 - Frequency Offset Register (FOR) Bits - Read Only
External Read Only Address: 0045H
15
14
13
12
11
10
98
7654
321
0
0FOF
14
FOF
13
FOF
12
FOF
11
FOF
10
FOF
9
FOF
8
FOF
7
FOF
6
FOF
5
FOF
4
FOF
3
FOF
2
FOF
1
FOF
0


Similar Part No. - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015GAC ZARLINK-ZL50015GAC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC ZARLINK-ZL50015QCC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC1 ZARLINK-ZL50015QCC1 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCG1 ZARLINK-ZL50015QCG1 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
More results

Similar Description - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com