Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50015 Datasheet(PDF) 62 Page - Zarlink Semiconductor Inc

Part # ZL50015
Description  Enhanced 1 K Digital Switch with Stratum 4E DPLL
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50015 Datasheet(HTML) 62 Page - Zarlink Semiconductor Inc

Back Button ZL50015 Datasheet HTML 58Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 59Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 60Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 61Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 62Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 63Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 66Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
ZL50015
Data Sheet
62
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 2
Unused
Reserved
In normal functional mode, these bits are zero.
1OUTERR
Output Error (Read Only)
This bit is set high when the total number of output channels is programmed to be
more than the maximum capacity of 1024, in which case the output channels beyond
the maximum capacity should be disabled.
This bit will be cleared automatically after programming is corrected.
0INERR
Input Error (Read Only)
This bit is set high when the total number of input channels is programmed to be more
than the maximum capacity of 1024, in which case the input channels beyond the
maximum capacity should be disabled.This bit will be cleared automatically after pro-
gramming is corrected.
Table 23 - Internal Flag Register (IFR) Bits - Read Only
Bit
Name
Description
15 - 0
BERF[n]
BER Error Flag[n]:
If BERF[n] is high, it indicates that BER Receiver Error Register [n] (BRER[n]) is not
zero.
If BERF[n] is low, it indicates that BER Receiver Error Register [n] (BRER[n]) is zero.
Note: [n] denotes input stream from 0 -15.
Table 24 - BER Error Flag Register 0 (BERFR0) Bits - Read Only
External Read Address: 0010H
Reset Value: 0000H
15
14
13
12
11
10
987
65432
1
0
0000
00000
00000
OUT
ERR
IN
ERR
External Read Address: 00011H
Reset Value: 0000H
15
14
13
12
11
10
987
6543
210
BER
F15
BER
F14
BER
F13
BER
F12
BER
F11
BER
F10
BER
F9
BER
F8
BER
F7
BER
F6
BER
F5
BER
F4
BER
F3
BER
F2
BER
F1
BER
F0


Similar Part No. - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015GAC ZARLINK-ZL50015GAC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC ZARLINK-ZL50015QCC Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC1 ZARLINK-ZL50015QCC1 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCG1 ZARLINK-ZL50015QCG1 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
More results

Similar Description - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com