Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICTE-5RL4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ICTE-5RL4
Description  1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ICTE-5RL4 Datasheet(HTML) 3 Page - ON Semiconductor

  ICTE-5RL4 Datasheet HTML 1Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 2Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 3Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 4Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 5Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 6Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 7Page - ON Semiconductor ICTE-5RL4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N6373 − 1N6381 Series (ICTE−5 − ICTE−36, MPTE−5 − MPTE−45)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A)
JEDEC
Device
(ON Device)
Device
Marking
VRWM
(Note 4)
IR @
VRWM
Breakdown Voltage
VC @ IPP (Note 6)
VC (Volts) (Note 6)
QVBR
VBR (Note 5) (Volts)
@ IT
VC
IPP
@ IPP =
1 A
@ IPP =
10 A
(Volts)
(
mA)
Min
Nom
Max
(mA)
(Volts)
(A)
(mV/
°C)
1N6373, G
(MPTE−5, G)
1N6373
MPTE−5
5.0
300
6.0
1.0
9.4
160
7.1
7.5
4.0
1N6374, G
(MPTE−8, G)
1N6374
MPTE−8
8.0
25
9.4
1.0
15
100
11.3
11.5
8.0
1N6375, G
(MPTE−10,G)
1N6375
MPTE−10
10
2.0
11.7
1.0
16.7
90
13.7
14.1
12
1N6376, G
(MPTE−12, G)
1N6376
MPTE−12
12
2.0
14.1
1.0
21.2
70
16.1
16.5
14
1N6377, G
(MPTE−15, G)
1N6377
MPTE−15
15
2.0
17.6
1.0
25
60
20.1
20.6
18
1N6379, G
(MPTE−22, G)
1N6379
MPTE−22
22
2.0
25.9
1.0
37.5
40
29.8
32
26
1N6380, G
(MPTE−36, G)
1N6380
MPTE−36
36
2.0
42.4
1.0
65.2
23
50.6
54.3
50
1N6381, G
(MPTE−45, G)
1N6381
MPTE−45
45
2.0
52.9
1.0
78.9
19
63.3
70
60
ICTE−5, G
ICTE−5
5.0
300
6.0
1.0
9.4
160
7.1
7.5
4.0
ICTE−10, G
ICTE−10
10
2.0
11.7
1.0
16.7
90
13.7
14.1
8.0
ICTE−12, G
ICTE−12
12
2.0
14.1
1.0
21.2
70
16.1
16.5
12
ICTE−15, G
ICTE−15
15
2.0
17.6
1.0
25
60
20.1
20.6
14
ICTE−18, G
ICTE−18
18
2.0
21.2
1.0
30
50
24.2
25.2
18
ICTE−22, G
ICTE−22
22
2.0
25.9
1.0
37.5
40
29.8
32
21
ICTE−36, G
ICTE−36
36
2.0
42.4
1.0
65.2
23
50.6
54.3
26
3. Square waveform, PW = 8.3 ms, non−repetitive duty cycle.
4. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25°C and minimum voltage in VBR is to be controlled.
6. Surge current waveform per Figure 5 and derate per Figures 1 and 2.
†The “G’’ suffix indicates Pb−Free package available.


Similar Part No. - ICTE-5RL4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICTE-5 ETC-ICTE-5 Datasheet
118Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSORS FOR MICROPROCESSOR PROTECTION
logo
Microsemi Corporation
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
ON Semiconductor
ICTE-5 ONSEMI-ICTE-5 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Vishay Siliconix
ICTE-5 VISHAY-ICTE-5 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
ICTE-5 MDE-ICTE-5 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - ICTE-5RL4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com