Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50011 Datasheet(PDF) 79 Page - Zarlink Semiconductor Inc

Part # ZL50011
Description  Flexible 512 Channel DX with on-chip DPLL
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50011 Datasheet(HTML) 79 Page - Zarlink Semiconductor Inc

Back Button ZL50011 Datasheet HTML 75Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 76Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 77Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 78Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 79Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 80Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 81Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 82Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 83Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
ZL50011
Data Sheet
79
Zarlink Semiconductor Inc.
AC Electrical Characteristics - Motorola Non-Multiplexed Bus Mode
Figure 47 - Motorola Non-Multiplexed Bus Timing
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions2
1
CS setup from DS falling
tCSS
0ns
2
R/W setup from DS falling
tRWS
10
ns
3
Address setup from DS falling
tADS
5ns
4
DS delay from the rising edge of DTA
to the falling edge of the DS
tDSD
50
ns
5
CS delay from the rising edge of DTA
to the falling edge of the CS
tCSD
50
ns
6
CS hold after DS rising
tCSH
0ns
7
R/W hold after DS rising
tRWH
0ns
8
Address hold after DS rising
tADH
0ns
9
Data setup from DTA Low on Read
tDDR
20
ns
CL=30 pF
10
Data hold on read
tDHR
39
ns
CL=30 pF, RL=1 K
(Note 1)
11
Data setup from DS falling on write
tWDS
10
ns
12
Data hold on write
tDHW
0ns
13
Acknowledgment Delay:
Reading/Writing Registers
Reading/Writing Memory
tAKD
120/105
200/150
ns
ns
CL=30 pF
CL=30 pF
14
Acknowledgment Hold Time
tAKH
20
ns
CL=30 pF, RL=1 K
(Note 1)
Note 1: High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
Note 2: A delay of 600 microseconds must be applied before the first microprocessor access is performed after the RESET pin is set high.
DS
A0-A11
CS
D0-D15
D0-D15
READ
WRITE
tCSH
tADH
tDHR
tRWS
R/W
tADS
tRWH
tDHW
tAKD
tWDS
tDDR
tAKH
DTA
VTT
VTT
VTT
VTT
VTT
VTT
VTT
VALID ADDRESS
VALID READ DATA
VALID WRITE DATA
tCSS
tCSD
tDSD


Similar Part No. - ZL50011

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/GDC ZARLINK-ZL50011/GDC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/QCC ZARLINK-ZL50011/QCC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
More results

Similar Description - ZL50011

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50010 ZARLINK-ZL50010 Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50010 ZARLINK-ZL50010_06 Datasheet
720Kb / 87P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
ZL50012 ZARLINK-ZL50012_06 Datasheet
562Kb / 66P
   Flexible 512-ch Digital Switch
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
Toshiba Semiconductor
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
   Single-Chip CD Processor with Built-in Controller (CD-DX)
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com