Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50011 Datasheet(PDF) 70 Page - Zarlink Semiconductor Inc

Part # ZL50011
Description  Flexible 512 Channel DX with on-chip DPLL
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50011 Datasheet(HTML) 70 Page - Zarlink Semiconductor Inc

Back Button ZL50011 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 67Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 68Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 69Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 70Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 71Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 72Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 73Page - Zarlink Semiconductor Inc ZL50011 Datasheet HTML 74Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 83 page
background image
ZL50011
Data Sheet
70
Zarlink Semiconductor Inc.
† Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C, V
DD at 3.3 V and are for design aid only: not guaranteed and not subject to production testing.
Figure 35 - XTALi Input Timing Diagram when Clock Oscillator is Connected
AC Electrical Characteristics- XTALi Input Timing when Clock Oscillator is connected
Characteristic
Sym.
Min.
Typ.
Max.
Units
Notes
1
C20i Input Clock Period
tC20MP
49.995
50
50.005
ns
2
C20i Input Clock High Time
tC20MH
20
30
ns
3
C20i Input Clock Low Time
tC20ML
20
30
ns
4
C20i Input Rise/Fall Time
trC20M,
tfC20M
2ns
XTALi
tfC20M
tC20ML
tC20MH
trC20M
tC20MP


Similar Part No. - ZL50011

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/GDC ZARLINK-ZL50011/GDC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011/QCC ZARLINK-ZL50011/QCC Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
More results

Similar Description - ZL50011

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50010 ZARLINK-ZL50010 Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50010 ZARLINK-ZL50010_06 Datasheet
720Kb / 87P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
ZL50012 ZARLINK-ZL50012_06 Datasheet
562Kb / 66P
   Flexible 512-ch Digital Switch
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
Toshiba Semiconductor
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
   Single-Chip CD Processor with Built-in Controller (CD-DX)
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com