Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50010 Datasheet(PDF) 26 Page - Zarlink Semiconductor Inc

Part # ZL50010
Description  Flexible 512 Channel DX with Enhanced DPLL
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50010 Datasheet(HTML) 26 Page - Zarlink Semiconductor Inc

Back Button ZL50010_06 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50010_06 Datasheet HTML 30Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
ZL50010
Data Sheet
26
Zarlink Semiconductor Inc.
2.3.7
External High Impedance Control, STOHZ 0 to 15
The STOHZ 0 to 15 outputs are provided to control the external tristate ST-BUS drivers for per-channel high
impedance operations. The STOHZ outputs are sent out in 32, 64 or 128 timeslots corresponding to the output
channels for 2.048 Mbps, 4.096 Mbps and 8.192 Mbps output streams respectively. Each control timeslot lasts for
one channel time.
When the ODE pin is high, the STOHZ 0 - 15 are enabled. When the ODE pin or the RESET pin is low, the STOHZ
0 - 15 are driven high. STOHZ outputs are also driven high if their corresponding ST-BUS outputs are not in use.
Figure 20 gives an example when channel 2 of a given ST-BUS output is programmed in the high impedance state,
the corresponding STOHZ pin drives high for one channel time at the channel 2 timeslot.
By default, the output timing of the STOHZ signals follow the same timing as their corresponding STo signals
including any user-programmed channel and bit delay and fractional bit advancement. In addition, the device allows
users to advance the STOHZ signals from their default positions to a maximum of four 15.2 ns steps (or four 1/4 bit
steps) using Bit 3 to 5 of the Stream Output Control Register (SOCR). Bit 6 in the Stream Output Control Register
selects the step resolution as 15.2 ns or 1/4 data bit. The additional advancement feature allows the STOHZ signals
to better match the high impedance timing required by the external ST-BUS drivers.
When the device is in DPLL Master mode (or Freerun mode) and the additional STOHZ advancement is set to zero,
there is no phase difference between the STo0 - 15 and the STOHZ 0 to 15. When the device is in DPLL Master
mode (or Freerun mode) and the additional STOHZ advance is not zero, the phase correction of 6.25 ns could
happen between the STo0 - 15 and STOHZ 0 to 15 because these outputs are clocked by various internal clock
edges and the DPLL output has the intrinsic jitter of 6.25 ns.
When the device is in the DPLL Bypass Mode, there is no phase correction between the STo0 -15 of the STOHZ 0-
15 regardless whether the additional STOHZ advancement is enabled or disabled.
Figure 20 - Example: External High Impedance Control Timing
Output Frame Boundary
Ch1
Ch0
SToY
Ch3
Ch2
Last Ch
Last Ch
Last Ch-1
Last Ch -2
Ch0
FPo
HiZ
STOHZ Y
Note: Last Channel = 31, 63, 127 for 2.048 Mbps, 4.096 Mbps and 8.192 Mbps mode respectively
STOHZ Y
Note: Y = 0 to 15
STOHZ Advancement (Programmable in 4 steps of 15.2 ns or 1/4 bit)
(Default = No Adv.)
(With Adv.)


Similar Part No. - ZL50010_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50010/GDC ZARLINK-ZL50010/GDC Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50010/QCC ZARLINK-ZL50010/QCC Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
More results

Similar Description - ZL50010_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50010 ZARLINK-ZL50010 Datasheet
719Kb / 86P
   Flexible 512 Channel DX with Enhanced DPLL
ZL50011 ZARLINK-ZL50011_06 Datasheet
681Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50011 ZARLINK-ZL50011 Datasheet
767Kb / 83P
   Flexible 512 Channel DX with on-chip DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com