Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7250QDG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS7250QDG4
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7250QDG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS7250QDG4 Datasheet HTML 1Page - Texas Instruments TPS7250QDG4 Datasheet HTML 2Page - Texas Instruments TPS7250QDG4 Datasheet HTML 3Page - Texas Instruments TPS7250QDG4 Datasheet HTML 4Page - Texas Instruments TPS7250QDG4 Datasheet HTML 5Page - Texas Instruments TPS7250QDG4 Datasheet HTML 6Page - Texas Instruments TPS7250QDG4 Datasheet HTML 7Page - Texas Instruments TPS7250QDG4 Datasheet HTML 8Page - Texas Instruments TPS7250QDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
PACKAGED DEVICES
CHIP FORM
TJ
MIN
TYP
MAX
SMALL OUTLINE
(D)
PDIP
(P)
TSSOP
(PW)
(Y)
4.9
5
5.1
TPS7250QD
TPS7250QP
TPS7250QPWR
TPS7250Y
4.75
4.85
4.95
TPS7248QD
TPS7248QP
TPS7248QPWR
TPS7248Y
3.23
3.3
3.37
TPS7233QD
TPS7233QP
TPS7233QPWR
TPS7233Y
–55
°C to 150°C
2.94
3
3.06
TPS7230QD
TPS7230QP
TPS7230QPWR
TPS7230Y
2.45
2.5
2.55
TPS7225QD
TPS7225QP
TPS7225QPWR
TPS7225Y
Adjustable
1.2 V to 9.75 V
TPS7201QD
TPS7201QP
TPS7201QPWR
TPS7201Y
The D package is available taped and reeled. Add R suffix to device type (e.g., TPS7250QDR). The PW package is only available left-end
taped and reeled. The TPS7201Q is programmable using an external resistor divider (see application information). The chip form is tested
at 25
°C.
‡ TPS7225Q, TPS7230Q, TPS7233Q, TPS7248Q, TPS7250Q (fixed-voltage
options)
NOTE A: Capacitor selection is nontrivial. See application information section
for details.
SENSE
PG
OUT
OUT
6
5
4
IN
IN
EN
GND
3
2
1
7
8
VI
0.1
µF
PG
CSR = 1
VO
10
µF
+
TPS72xx‡
CO
(see Note A)
250 k
Figure 2. Typical Application Configuration


Similar Part No. - TPS7250QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7250QDG4 TI-TPS7250QDG4 Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7250QDG4 TI1-TPS7250QDG4 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7250QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com