Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5152DKDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5152DKDRG4
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152DKDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5152DKDRG4 Datasheet HTML 6Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 7Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 8Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 9Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 10Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 11Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 12Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 13Page - Texas Instruments TAS5152DKDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
10
ELECTRICAL CHARACTERISTICS (continued)
RL= 4 Ω. FPWM = 384 kHz, unless otherwise noted. All performance is in accordance with recommended operating conditions unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
TAS5152
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I/O Protection
Vuvp,G
Undervoltage protection limit, GVDD_x
9.8
V
Vuvp,hyst(1) Undervoltage protection hysteresis
250
mV
OTW(1)
Overtemperature warning
115
125
135
_C
OTWHYST(1)
Temperature drop needed below OTW temp. for
OTW to be inactive after the OTW event
25
_C
OTE(1)
Overtemperature error
145
155
165
_C
OTE-OTW
differential
(1)
OTE-OTW differential
30
_C
OTEHYST(1)
Temperature drop needed below OTE temp. for
SD to be released following an OTE event
25
_C
OLPC
Overload protection counter
Fpwm = 384 kHz
1.25
ms
IOC
Overcurrent limit protection
Resistor-programmable, high
end, ROCP = 15 kΩ
8.5
10.8
11.8
A
IOCT
Overcurrent response time
210
ns
ROCP
OC programming resistor range
Resistor tolerance = 5%
15
69
k
RPD
Internal pulldown resistor at the output of each
half-bridge
Connected when RESET is
active to provide bootstrap
capacitor charge. Not used in
SE mode
2.5
k
Static Digital Specifications
VIH
High-level input voltage
PWM_A, PWM_B, PWM_C,
PWM_D, M1, M2, M3,
2
V
VIL
Low-level input voltage
PWM_D, M1, M2, M3,
RESET_AB, RESET_CD
0.8
V
Leakage
Input leakage current
–10
10
µA
OTW/SHUTDOWN (SD)
RINT_PU
Internal pullup resistance, OTW to VREG, SD to
VREG
20
26
32
k
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
External pullup of 4.7 k
Ω to
5 V
4.5
5
V
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
FANOUT
Device fanout OTW , SD
No external pullup
30
Devices
(1) Specified by design


Similar Part No. - TAS5152DKDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152DKDR TI-TAS5152DKDR Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5152DKDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com