Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5142DDVRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVRG4
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5142DDVRG4 Datasheet HTML 7Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 8Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 9Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 10Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 11Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 12Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 13Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 14Page - Texas Instruments TAS5142DDVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
8
4
TC = 75°C
THD+N @ 10%
6
G002
PO − Output Power − W
10
1
0.01
0.1
10
1
TC = 75°C
PVDD = 32 V
One Channel
100
4
6
8
G001
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
8
4
TC = 75°C
6
G003
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80 100 120 140 160 180 200 220
6
4
TC = 25°C
8
G004
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
11


Similar Part No. - TAS5142DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5142DDVRG4 TI-TAS5142DDVRG4 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5142DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com