Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5162DDV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162DDV
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162DDV Datasheet(HTML) 3 Page - Texas Instruments

  TAS5162DDV Datasheet HTML 1Page - Texas Instruments TAS5162DDV Datasheet HTML 2Page - Texas Instruments TAS5162DDV Datasheet HTML 3Page - Texas Instruments TAS5162DDV Datasheet HTML 4Page - Texas Instruments TAS5162DDV Datasheet HTML 5Page - Texas Instruments TAS5162DDV Datasheet HTML 6Page - Texas Instruments TAS5162DDV Datasheet HTML 7Page - Texas Instruments TAS5162DDV Datasheet HTML 8Page - Texas Instruments TAS5162DDV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
MODE Selection Pins for Both Packages
Package Heat Dissipation Ratings
(1)
TAS5162
SLES194B – OCTOBER 2006 – REVISED MARCH 2007
GENERAL INFORMATION (continued)
MODE PINS
PWM INPUT
OUTPUT CONFIGURATION
PROTECTION SCHEME
M3
M2
M1
0
0
0
2N (1) AD/BD modulation
2 channels BTL output
BTL mode, full protection (2)
0
0
1
2N (1) AD/BD modulation
2 channels BTL output
BTL mode, latching shutdown (2)
0
1
0
1N (1) AD modulation
2 channels BTL output
BTL mode, full protection (2)
0
1
1
1N (1) AD modulation
1 channel PBTL output
PBTL mode, full protection. Only PWM_A input
is used.
Protection works similarly to BTL mode (2). Only
difference in SE mode is that OUT_X is Hi-Z
1
0
0
1N (1) AD modulation
4 channels SE output
instead of a pulldown through internal pulldown
resistor.
1
0
1
Protection works similarly to SE Mode (2)
4 channels SE output - No
(1,0,0); however, the PWM input protection is
1N (1) AD modulation
PWM Input protection, latching
disabled. Also, overcurrent detection will latch if
shutdown
an error occurs.
1
1
0
Reserved
1
1
1
(1)
The 1N and 2N naming convention is used to indicate the required number of PWM lines to the power stage per channel in a specific
mode.
(2)
An overload protection (OLP) occurring on A or B causes both channels to shut down. An OLP on C or D works similarly. Global errors
like overtemperature error (OTE), undervoltage protection (UVP), and power-on reset (POR) affect all channels.
PARAMETER
TAS5162DKD
TAS5162DDV
RθJC (°C/W)—2 BTL or 4 SE channels (8 transistors)
1.0
1.1
RθJC (°C/W)—1 BTL or 2 SE channel(s) (4 transistors)
1.5
2.2
RθJC (°C/W)—(1 transistor)
5.0
7.4
Pad area(2)
80 mm2
34 mm2
(1)
JC is junction-to-case, CH is case-to-heatsink.
(2)
RθCH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heatsink and both
channels active. The RθCH with this condition is 2.6°C/W for the DKD package and 4.0°C/W for the DDV package.
3
Submit Documentation Feedback


Similar Part No. - TAS5162DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162DDV TI-TAS5162DDV Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDV TI-TAS5162DDV Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVG4 TI-TAS5162DDVG4 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVR TI-TAS5162DDVR Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVRG4 TI-TAS5162DDVRG4 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5162DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com