Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5152DKDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152DKDR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152DKDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5152DKDR Datasheet HTML 5Page - Texas Instruments TAS5152DKDR Datasheet HTML 6Page - Texas Instruments TAS5152DKDR Datasheet HTML 7Page - Texas Instruments TAS5152DKDR Datasheet HTML 8Page - Texas Instruments TAS5152DKDR Datasheet HTML 9Page - Texas Instruments TAS5152DKDR Datasheet HTML 10Page - Texas Instruments TAS5152DKDR Datasheet HTML 11Page - Texas Instruments TAS5152DKDR Datasheet HTML 12Page - Texas Instruments TAS5152DKDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
9
ELECTRICAL CHARACTERISTICS
RL= 4 Ω. FPWM = 384 kHz, unless otherwise noted. All performance is in accordance with recommended operating conditions unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
TAS5152
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Voltage Regulator and Current Consumption
VREG
Voltage regulator, only used as a reference node
VDD = 12 V
3
3.3
3.6
V
IVDD
VDD supply current
Operating, 50% duty cycle
7
17
mA
IVDD
VDD supply current
Idle, reset mode
6
11
mA
IGVDD_x
Gate supply current per half-bridge
50% duty cycle
5
16
mA
IGVDD_x
Gate supply current per half-bridge
Reset mode
0.3
1
mA
IPVDD_x
Half-bridge idle current
50% duty cycle, without
output filter or load
15
25
mA
IPVDD_x
Half-bridge idle current
Reset mode, no switching
7
25
µA
Output Stage MOSFETs
RDSon,LS
Drain-to-source resistance, LS
TJ= 25°C, includes
metallization resistance,
GVDD = 12 V
140
155
m
RDSon,HS Drain-to-source resistance, HS
TJ= 25°C, includes
metallization resistance,
GVDD = 12 V
140
155
m


Similar Part No. - TAS5152DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152DKDR TI-TAS5152DKDR Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5152DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com