Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5142DDVG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5142DDVG4
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5142DDVG4 Datasheet HTML 6Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 7Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 8Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 9Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 10Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 11Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 12Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 13Page - Texas Instruments TAS5142DDVG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
R
L= 4 Ω, FPWM = 384 kHz, unless otherwise noted. All performance is in accordance with recommended operating conditions
unless otherwise specified.
TAS5142
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Internal Voltage Regulator and Current Consumption
Voltage regulator, only used as a
VREG
VDD = 12 V
3
3.3
3.6
V
reference node
Operating, 50% duty cycle
7
17
IVDD
VDD supply current
mA
Idle, reset mode
6
11
50% duty cycle
5
16
IGVDD_X
Gate supply current per half-bridge
mA
Reset mode
0.3
1
50% duty cycle, without output filter or load
15
25
mA
IPVDD_X
Half-bridge idle current
Reset mode, no switching
7
25
µA
Output Stage MOSFETs
TJ = 25°C, includes metallization resistance,
RDSon,LS
Drain-to-source resistance, LS
140
155
m
GVDD = 12 V
TJ = 25°C, includes metallization resistance,
RDSon,HS
Drain-to-source resistance, HS
140
155
m
GVDD = 12 V
I/O Protection
Undervoltage protection limit,
Vuvp,G
9.8
V
GVDD_X
Vuvp,hyst(1)
250
mV
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below
OTWHYST(1)
OTW temp. for OTW to be inactive
25
°C
after the OTW event
OTE(1)
Overtemperature error
145
155
165
°C
OTE-
OTE-OTW differential
30
°C
OTWdifferential(1)
A reset event must occur for SD to
OTEHYST(1)
25
°C
be released following an OTE event.
OLPC
Overload protection counter
FPWM = 384 kHz
1.25
ms
Resistor—programmable, high-end,
IOC
Overcurrent limit protection
7.9
9.7
11.4
A
ROCP = 18 kΩ
IOCT
Overcurrent response time
210
ns
ROCP
OC programming resistor range
Resistor tolerance = 5%
18
69
k
Connected when RESET is active to provide
Internal pulldown resistor at the
RPD
bootstrap capacitor charge. Not used in SE
2.5
k
output of each half-bridge
mode
Static Digital Specifications
VIH
High-level input voltage
2
V
PWM_A, PWM_B, PWM_C, PWM_D, M1,
M2, M3, RESET_AB, RESET_CD
VIL
Low-level input voltage
0.8
V
Leakage
Input leakage current
–10
10
µA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW to
RINT_PU
20
26
32
k
VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
FANOUT
Device fanout OTW, SD
No external pullup
30
Devices
(1)
Specified by design
10


Similar Part No. - TAS5142DDVG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5142DDVG4 TI-TAS5142DDVG4 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5142DDVG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com