Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73618DCQT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS73618DCQT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73618DCQT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73618DCQT Datasheet HTML 2Page - Texas Instruments TPS73618DCQT Datasheet HTML 3Page - Texas Instruments TPS73618DCQT Datasheet HTML 4Page - Texas Instruments TPS73618DCQT Datasheet HTML 5Page - Texas Instruments TPS73618DCQT Datasheet HTML 6Page - Texas Instruments TPS73618DCQT Datasheet HTML 7Page - Texas Instruments TPS73618DCQT Datasheet HTML 8Page - Texas Instruments TPS73618DCQT Datasheet HTML 9Page - Texas Instruments TPS73618DCQT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
0
50
100
150
300
350
200
250
400
IOUT (mA)
Referred to IOUT = 10mA
−40_C
+125
_C
+25
_C
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN − VOUT (V)
+125
_C
+25
_C
−40_C
Referred to V
IN = VOUT + 0.5V at IOUT = 10mA
100
80
60
40
20
0
0
50
100
150
200
400
250
300
350
IOUT (mA)
+125
_C
+25
_C
−40_C
TPS73625DBV
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS73625DBV
I
OUT = 400mA
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/_ C)
I
OUT = 10mA
All Voltage Versions
TPS736xx
SBVS038N – SEPTEMBER 2003 – REVISED JANUARY 2007
For all voltage versions, at T
J = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY HISTOGRAM
OUTPUT VOLTAGE DRIFT HISTOGRAM
Figure 7.
Figure 8.
6
Submit Documentation Feedback


Similar Part No. - TPS73618DCQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73618DCQ TI-TPS73618DCQ Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73618DCQ TI-TPS73618DCQ Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73618DCQ TI-TPS73618DCQ Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73618DCQ TI-TPS73618DCQ Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73618DCQ TI-TPS73618DCQ Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73618DCQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com