Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5152DKD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152DKD
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152DKD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5152DKD Datasheet HTML 1Page - Texas Instruments TAS5152DKD Datasheet HTML 2Page - Texas Instruments TAS5152DKD Datasheet HTML 3Page - Texas Instruments TAS5152DKD Datasheet HTML 4Page - Texas Instruments TAS5152DKD Datasheet HTML 5Page - Texas Instruments TAS5152DKD Datasheet HTML 6Page - Texas Instruments TAS5152DKD Datasheet HTML 7Page - Texas Instruments TAS5152DKD Datasheet HTML 8Page - Texas Instruments TAS5152DKD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
www.ti.com
3
Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted(1)
TAS5152
VDD to AGND
–0.3 V to 13.2 V
GVDD_X to AGND
–0.3 V to 13.2 V
PVDD_X to GND_X (2)
–0.3 V to 50 V
OUT_X to GND_X (2)
–0.3 V to 50 V
BST_X to GND_X (2)
–0.3 V to 63.2 V
VREG to AGND
–0.3 V to 4.2 V
GND_X to GND
–0.3 V to 0.3 V
GND_X to AGND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, OC_ADJ, M1, M2, M3 to
AGND
–0.3 V to 4.2 V
RESET_X, SD, OTW to AGND
–0.3 V to 7 V
Maximum continuous sink current (SD,
OTW)
9 mA
Maximum operating junction
temperature range, TJ
0
°C to 125°C
Storage temperature
–40
_C to 125_C
Lead temperature, 1,6 mm (1/16 inch)
from case for 10 seconds
260
_C
Minimum pulse width low
50 ns
(1) Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device
reliability.
(2) These voltages represent the dc voltage + peak ac waveform
measured at the terminal of the device in all conditions.
Ordering Information
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5152DKD
36-pin PSOP3
For
the
most
current
specification
and
package
information, see the TI Web site at www.ti.com.


Similar Part No. - TAS5152DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152DKD TI-TAS5152DKD Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152DKDR TI-TAS5152DKDR Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5152DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com