Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7248QPE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS7248QPE4
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7248QPE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7248QPE4 Datasheet HTML 2Page - Texas Instruments TPS7248QPE4 Datasheet HTML 3Page - Texas Instruments TPS7248QPE4 Datasheet HTML 4Page - Texas Instruments TPS7248QPE4 Datasheet HTML 5Page - Texas Instruments TPS7248QPE4 Datasheet HTML 6Page - Texas Instruments TPS7248QPE4 Datasheet HTML 7Page - Texas Instruments TPS7248QPE4 Datasheet HTML 8Page - Texas Instruments TPS7248QPE4 Datasheet HTML 9Page - Texas Instruments TPS7248QPE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, IO = 10 mA, EN = 0 V, CO = 4.7 µF (CSR= 1 Ω), SENSE/FB shorted to OUT
(unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS72xxQ
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Ground current (active mode)
EN
≤ 0.5 V,
VI = VO + 1 V,
25
°C
180
225
µA
Ground current (active mode)
EN
≤ 0.5 V,
0 mA
≤ IO ≤ 250 mA
VI VO + 1 V,
–40
°C to 125°C
325
µA
Input current (standby mode)
EN
V
3V
≤ V ≤ 10 V
25
°C
0.5
µA
Input current (standby mode)
EN = VI,
3 V
≤ VI ≤ 10 V
–40
°C to 125°C
1
µA
Output current limit threshold
VO =0V
VI =10V
25
°C
0.6
1
A
Output current limit threshold
VO = 0 V
VI = 10 V
–40
°C to 125°C
1.5
A
Pass-element leakage current in
EN
VI
3V
≤ VI ≤ 10 V
25
°C
0.5
µA
g
standby mode
EN = VI,
3 V
≤ VI ≤ 10 V
–40
°C to 125°C
1
µA
PG leakage current
VPG =10V
Normal operation
25
°C
0.5
µA
PG leakage current
VPG = 10 V,
Normal operation
–40
°C to 125°C
0.5
µA
Output voltage temperature coefficient
–40
°C to 125°C
31
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
EN logic high (standby mode)
3 V
≤ VI ≤ 6 V
40
°Cto125°C
2
V
EN logic high (standby mode)
6 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2.7
V
EN logic low (active mode)
3V
≤ VI ≤ 10 V
25
°C
0.5
V
EN logic low (active mode)
3 V
≤ VI ≤ 10 V
–40
°C to 125°C
0.5
V
EN hysteresis voltage
25
°C
50
mV
EN input current
0V
≤ VI ≤ 10 V
25
°C
– 0.5
0.5
µA
EN input current
0 V
≤ VI ≤ 10 V
–40
°C to 125°C
– 0.5
0.5
µA
Minimum VI for active pass element
25
°C
1.9
2.5
V
Minimum VI for active pass element
–40
°C to 125°C
2.5
V
Minimum VI for valid PG
IPG = 300 µA
25
°C
1.1
1.5
V
Minimum VI for valid PG
IPG = 300 µA
–40
°C to 125°C
1.9
V
† CSR(compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS7248QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7248QPE4 TI-TPS7248QPE4 Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7248QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com