Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6T144C8ES Datasheet(PDF) 88 Page - Altera Corporation

Part # EP1C6T144C8ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6T144C8ES Datasheet(HTML) 88 Page - Altera Corporation

Back Button EP1C6T144C8ES Datasheet HTML 84Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 85Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 86Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 87Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 88Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 89Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 90Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 91Page - Altera Corporation EP1C6T144C8ES Datasheet HTML 92Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
4–18
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Tables 4–32 through 4–33 show the external timing parameters on column
and row pins for EP1C4 devices.
Table 4–32. EP1C4 Column Pin Global Clock External I/O Timing
Parameters Note (1)
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.471
2.841
3.210
ns
tINH
0.000
0.000
0.000
ns
tOUTCO
2.000
3.937
2.000
4.526
2.000
5.119
ns
tINSUPLL
1.471
1.690
1.910
ns
tINHPLL
0.000
0.000
0.000
ns
tOUTCOPL L
0.500
2.080
0.500
2.392
0.500
2.705
ns
Table 4–33. EP1C4 Row Pin Global Clock External I/O Timing
Parameters Note (1)
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.600
2.990
3.379
ns
tINH
0.000
0.000
0.000
ns
tOUTCO
2.000
3.991
2.000
4.388
2.000
5.189
ns
tINSUPLL
1.300
1.494
1.689
ns
tINHPLL
0.000
0.000
0.000
ns
tOUTCOPL L
0.500
2.234
0.500
2.569
0.500
2.905
ns
Note to Tables 4–32 and 4–33:
(1)
Contact Altera Applications for EP1C4 device timing parameters.


Similar Part No. - EP1C6T144C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6T144C8 ALTERA-EP1C6T144C8 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C6T144C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com