Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1PMT5.0AT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 1PMT5.0AT1
Description  Zener Transient Voltage Suppressor POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5.0AT1 Datasheet(HTML) 5 Page - ON Semiconductor

  1PMT5.0AT1_05 Datasheet HTML 1Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 2Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 3Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 4Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 5Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1PMT5.0AT1/T3 Series
http://onsemi.com
5
Figure 5. Typical Derating Factor for Duty Cycle
1 ms
10
ms
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100
ms
0.1 0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms
Figure 6. Steady State Power Derating
1.2
1.0
0.8
0.6
0.4
0.2
0
−55
25
85
150
T, TEMPERATURE (
°C)
Figure 7. Forward Voltage
25
50
75
100
125
175
3.5
2.5
2
1.5
1
0
T, TEMPERATURE (
°C)
0.5
TL
150
3
10,000
1000
100
10
110
100
WORKING PEAK REVERSE VOLTAGE (VOLTS)
Figure 8. Capacitance versus Working Peak
Reverse Voltage
MEASURED @ 50% VRWM
MEASURED @ ZERO BIAS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn